Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8012SH Datasheet(PDF) 2 Page - Sealevel Systems, Inc.

Part # 8012SH
Description  PCI 8 Reed Relay Output / 8 Isolated Input Digital Interface (10-30V)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

8012SH Datasheet(HTML) 2 Page - Sealevel Systems, Inc.

  8012SH Datasheet HTML 1Page - Sealevel Systems, Inc. 8012SH Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features & Specifications
PCI 8 Reed Relay Output / 8 Isolated Input Digital Interface (10-30V)
Part: 8012SH | Model: DIO-16.LPCI
Features
• Compliant with RoHS and WEEE directives
• Eight Reed relay outputs (SPST)
• Eight optically isolated inputs optimized for +24V
• Highly reliable 10VA DIP Reed relays
• Universal Bus (3.3V and 5V) compatible
• Power (+5V and +12V) and ground provided on connector
• SeaIO Classic software supports Microsoft Windows operating
systems
• Software support for Linux available
sealevel.com
+1 864.843.4343
SL9559 G22
Specifications
Board Connector
DB-44F
Contact Current
500 mA
Contact Voltage
60 VDC/ 42 VAC
Digital I/O
Isolated Inputs, Reed Relay Outputs
Extended Temperature
Call for Options
Humidity Range
10 – 90% Relative Humidity, Non-
Condensing
Input Range
10-30 VDC
Host Interface(s)
PCI
Number of Inputs/
Outputs
8 Inputs 8 Outputs
Operating Temperature
0°C to 70°C (32°F to 158°F)
PC Bracket
Standard Height
# of Ports
8/8
Power Requirement
+5V @ 280mA
RoHS Compliant
Yes
Storage Temperature
-50°C to 105°C (-58°F to 221°F)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com