Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA264 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STA264
Description  Sirius overlay decoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA264 Datasheet(HTML) 4 Page - STMicroelectronics

  STA264 Datasheet HTML 1Page - STMicroelectronics STA264 Datasheet HTML 2Page - STMicroelectronics STA264 Datasheet HTML 3Page - STMicroelectronics STA264 Datasheet HTML 4Page - STMicroelectronics STA264 Datasheet HTML 5Page - STMicroelectronics STA264 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Package information
STA264
4/6
3
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
Figure 2.
TFBGA 249 mechanical data and package dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.200
0.0472
A1
0.210
0.0083
A2
0.790
0.0311
A3
0.200
0.0079
A4
0.600
0.0236
b
0.350
0.400
0.450 0.0138 0.0157 0.0177
D
14.850 15.000 15.150 0.5846 0.5906 0.5965
D1
12.800
0.5039
E
14.850 15.000 15.150 0.5846 0.5906 0.5965
E1
12.800
0.5039
e
0.800
0.0315
F
1.100
0.0433
ddd
0.100
0.0039
eee
0.150
0.0059
fff
0.080
0.0031
TFBGA 240+9 (15x15x1.2mm)
Thin Profile Pitch Ball Grid Array
7272773 C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com