Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9505 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC9505
Description  2 ch.Step-Down / Inverting DC/DC Controller ICs.
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9505 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC9505 Datasheet HTML 9Page - Torex Semiconductor XC9505 Datasheet HTML 10Page - Torex Semiconductor XC9505 Datasheet HTML 11Page - Torex Semiconductor XC9505 Datasheet HTML 12Page - Torex Semiconductor XC9505 Datasheet HTML 13Page - Torex Semiconductor XC9505 Datasheet HTML 14Page - Torex Semiconductor XC9505 Datasheet HTML 15Page - Torex Semiconductor XC9505 Datasheet HTML 16Page - Torex Semiconductor XC9505 Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
13/50
XC9505
Series
■
NOTES ON USE
1. Checking for Intermittent Oscillation
The XC9505 series is subject to intermittent oscillation in the proximity of the MAX. duty if the step-down ratio is low (e.g.,
from 4.2 V to 3.3 V) or a heavy load is applied where the duty ratio becomes high. Check waveforms at EXT under your
operating conditions. A remedy for this problem is to raise the inductance of coil L or increase the load capacitance CL.
2. PWM/PFM Automatic Switching
If PWM/PFM automatic switching control is selected and the step-down ratio is high (e.g., from 10.0 V to 1.0 V), the control
mode remains in PFM setting over the whole load range, since the duty ratio under continuous-duty condition is smaller
than the PFM duty ratio of the XC9505series. The output voltage's ripple voltage becomes substantially high under
heavy load conditions, with the XC9505 series appearing to be producing an abnormal oscillation. If this operation
becomes a concern, set pins PWM to High to set the control mode to PWM setting. For use under the above-mentioned
condition, measured data of PWM/PFM automatic switching control shown on the data sheets are available up to IOUT =
100 mA.
3. Ratings
Use the XC9505 series and peripheral components within the limits of their ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com