Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VGI6P Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM32L4R5VGI6P
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VGI6P Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM32L4R5VGI6P Datasheet HTML 15Page - STMicroelectronics STM32L4R5VGI6P Datasheet HTML 16Page - STMicroelectronics STM32L4R5VGI6P Datasheet HTML 17Page - STMicroelectronics STM32L4R5VGI6P Datasheet HTML 18Page - STMicroelectronics STM32L4R5VGI6P Datasheet HTML 19Page - STMicroelectronics STM32L4R5VGI6P Datasheet HTML 20Page - STMicroelectronics STM32L4R5VGI6P Datasheet HTML 21Page - STMicroelectronics STM32L4R5VGI6P Datasheet HTML 22Page - STMicroelectronics STM32L4R5VGI6P Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 306 page
background image
DocID030321 Rev 3
19/306
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
Functional overview
64
3.4
Embedded Flash memory
The STM32L4Rxxx devices feature 2 Mbytes of embedded Flash memory which is
available for storing programs and data.
The Flash interface features:
–
Single or dual bank operating modes
–
Read-while-write (RWW) in dual bank mode
This feature allows to perform a read operation from one bank while an erase or program
operation is performed to the other bank. The dual bank boot is also supported. Each bank
contains 256 pages of 4 or 8 Kbytes (depending on the read access width).
Flexible protections can be configured thanks to the option bytes:
• Readout protection (RDP) to protect the whole memory. Three levels of protection are
available:
– Level 0: no readout protection
– Level 1: memory readout protection; the Flash memory cannot be read from or written
to if either the debug features are connected or the boot in RAM or bootloader are
selected
– Level 2: chip readout protection; the debug features (Cortex-M4 JTAG and serial
wire), the boot in RAM and the bootloader selection are disabled (JTAG fuse). This
selection is irreversible.
•
Write protection (WRP): the protected area is protected against erasing and
programming:
–
In single bank mode, four areas can be selected with 8-Kbyte granularity.
–
In dual bank mode, two areas per bank can be selected with 4-Kbyte granularity.
Table 3. Access status versus readout protection level and execution modes
Area
Protection
level
User execution
Debug, boot from RAM or boot
from system memory (loader)
Read
Write
Erase
Read
Write
Erase
Main
memory
1
Yes
Yes
Yes
No
No
No
2
Yes
Yes
Yes
N/A
N/A
N/A
System
memory
1
Yes
No
No
Yes
No
No
2
Yes
No
No
N/A
N/A
N/A
Option
bytes
1
Yes
Yes
Yes
Yes
Yes
Yes
2
Yes
No
No
N/A
N/A
N/A
Backup
registers
1Yes
Yes
N/A(1)
1. Erased when RDP change from Level 1 to Level 0.
No
No
N/A(1)
2
Yes
Yes
N/A
N/A
N/A
N/A
SRAM2
1
Yes
Yes
Yes(1)
No
No
No(1)
2
Yes
Yes
Yes
N/A
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com