Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SJS316700 Datasheet(PDF) 8 Page - Amphenol PCD, Inc

Part # SJS316700
Description  Socket Junction Systems
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

SJS316700 Datasheet(HTML) 8 Page - Amphenol PCD, Inc

Back Button SJS316700 Datasheet HTML 4Page - Amphenol PCD, Inc SJS316700 Datasheet HTML 5Page - Amphenol PCD, Inc SJS316700 Datasheet HTML 6Page - Amphenol PCD, Inc SJS316700 Datasheet HTML 7Page - Amphenol PCD, Inc SJS316700 Datasheet HTML 8Page - Amphenol PCD, Inc SJS316700 Datasheet HTML 9Page - Amphenol PCD, Inc SJS316700 Datasheet HTML 10Page - Amphenol PCD, Inc SJS316700 Datasheet HTML 11Page - Amphenol PCD, Inc SJS316700 Datasheet HTML 12Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Socket Junction Modules
Amphenol Pcd
www.amphenolpcd.com
Milaero@amphenolpcd.com
1-978-624-3400
72 Cherry Hill Drive Beverly, MA 01915
M81714/63 Socket Ground Modules
Stud Mount Series II Size 16, 20, 22
Socket Grounding Modules Part Numbers
Materials
Module Body:
Polyetherimide per ASTM-D5205
Grommet:
Silicone Blend Elastomer per A-A-59588
Stud / Shell:
Copper Alloy, Gold Plated per
SAE-AMS-2422. Tin Plating per
ASTM-B545 Also Available as an Alternate
Contact Retainers:
Stainless Steel
Socket Contacts:
Copper Alloy, Hard Gold Plated in
Accordance with MIL-G-45204
Operating Range
Temperature:
-65ºC to 200ºC
Current Rating
5 Amps (Size 22)
7.5 Amps (Size 20)
13 Amps (Size 16)
Vibration & Shock:
MIL-T-81714 Paragraph
3.5.5 and 3.5.8
Top View
Contact
Military P/N
APCD P/N
QTY*
Size
1
P/N M39029
Part Numbers
M81714/63-22S
M81714/63-20S
M81714/63-16S
SJG022170
SJG022100
SJG020170
SJG020100
SJG016170
SJG016100
20
20
12
12
6
6
22/22
22/22
20/20
20/20
16/16
16/16
/22-191
/22-191
/22-192
/22-192
/22-193
/22-193
Side View
Size 22
Size 20
Size 16
Size 22
Size 20
Size 16
1
Mating End/ Wire Barrel
*Quantity figure denotes number of contacts accommodated by module. Modules are supplied with one additional spare contacts and two sealing plugs
M81714/ 63, stud mount, socket grounding
modules mount directly to a ground plane
or ground lug creating a multi-wire sealed
grounding device. The grounging modules
could also be mounted to a bus bar for
power distribution, sensing or metering.
All mounting hardware is furnished and
custom harware configurations are
available. The mounting stud is avialable
in gold or tin plating.
Product Description
Socket Junction Module Dimensions
Plating
Stud
Gold
Tin
Gold
Tin
Gold
Tin
.740
.580
.995
MAX
.350
.995
MAX
.350
.995
MAX
.350
.740
.580
.740
.580
54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com