Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FK-37-31S-R Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # FK-37-31S-R
Description  Circular Connector, Solder-type, Shell Size : F, 37 pos., Socket, Receptacle
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FK-37-31S-R Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  FK-37-31S-R Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. FK-37-31S-R Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. FK-37-31S-R Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FK-37-31S-R
Features
Circular Connector, Solder-type, Shell Size : F, 37 pos., Socket, Receptacle
Part Number
FK-37-31S-R
Status
Active
Number of Positions
37 pos.
Rated Current
10 A
Waterproof/ Non-waterproof
not available
Applications
 
Broadcasting equipment, sound equipment, communication devices, etc. 
Connector Type
Receptacle
Connector Style
  
Contact Type
Socket
Termination Style
Soldering
Coupling Style
Threaded
Contact Size
#16
Shell Size
F
Contact Size X No. of Contacts
#16*37
Finish of Contact in Connecting
Area
Silver plating
Total Current Rating
74
Product Details


Similar Part No. - FK-37-31S-R

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FK-37-32S-R JAE-FK-37-32S-R Datasheet
59Kb / 3P
Circular Connector, Solder-type, Shell Size : F, 37 pos., Pin, Receptacle
More results

Similar Description - FK-37-31S-R

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RM21TPA-15S HIROSE-RM21TPA-15S Datasheet
795Kb / 15P
RM SERIES SHELL SIZE 12-31mm CIRCULAR CONNECTORS
RM21TPA-15S HIROSE-RM21TPA-15S_1 Datasheet
774Kb / 13P
RM SERIES SHELL SIZE 12-31mm CIRCULAR CONNECTORS
logo
FCI connector
86552096 FCI-CONNECTOR-86552096 Datasheet
48Kb / 1P
LEVER LOCKS MALE (SHELL SIZE 09 15 25 37)
logo
Tyco Electronics
166733-4 MACOM-166733-4 Datasheet
67Kb / 1P
3x16 POS, TYPE F FEMALE B.T.B. SOLDER CONNECTOR
logo
Japan Aviation Electron...
DC-37SA-NR JAE-DC-37SA-NR Datasheet
43Kb / 4P
D-sub Connector, PCB side connector, Right angle, Socket, 37 pos.
CA2182-15-R JAE-CA2182-15-R Datasheet
44Kb / 4P
Circular connector compatible to MS standard, Dummy receptacle, Applicable shell size: 48,
logo
Ulti-Mate Connector Inc
SD-812051000 ULTI-MATE-SD-812051000 Datasheet
42Kb / 1P
Micro Circular Solder Cup 7 Socket No Hardware Plastic Shell 125 Max Temp No QPL
05-01-13
SD-831111000 ULTI-MATE-SD-831111000 Datasheet
115Kb / 1P
CIRCULAR CONNECTOR, "RQ" SERIES, RQR1B1-7N, RECEPTACLE, SIZE 7 PIN, SOLDER CUPS
8/2/17
SD-836160410 ULTI-MATE-SD-836160410 Datasheet
151Kb / 1P
MICRO-D CONNECTOR, PLUG, SIZE 37 CM4R37P0, CADMIUM PLATED SHELL
9/28/2022
logo
CONEC Elektronische Bau...
160X10449X CONEC-160X10449X Datasheet
42Kb / 1P
Dust cap for socket connector 9 - 37 pos.
1995.18.07
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com