Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FK-60A-2-R Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # FK-60A-2-R
Description  Circular Connector, Solder-type, Shell Size : F, Dust Cap (for Socket insert)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FK-60A-2-R Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  FK-60A-2-R Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. FK-60A-2-R Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. FK-60A-2-R Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FK-60A-2-R
Features
Circular Connector, Solder-type, Shell Size : F, Dust Cap (for Socket insert)
Part Number
FK-60A-2-R
Status
Active
Number of Positions
  
Rated Current
  
Waterproof/ Non-waterproof
not available
Applications
 
Broadcasting equipment, sound equipment, communication devices, etc. 
Connector Type
Dust Cap
Connector Style
  
Contact Type
Socket
Termination Style
  
Coupling Style
Threaded
Contact Size
  
Shell Size
F
Contact Size X No. of Contacts
  
Finish of Contact in Connecting
Area
  
Total Current Rating
  
Product Details


Similar Part No. - FK-60A-2-R

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
FK-1.2V PERICOM-FK-1.2V Datasheet
271Kb / 3P
1.2V CMOS Low Jitter XO
FK-1.8V PERICOM-FK-1.8V Datasheet
640Kb / 2P
1.8V CMOS Low Jitter XO
logo
List of Unclassifed Man...
FK-130 ETC-FK-130 Datasheet
42Kb / 1P
FK-130RH
logo
promoco-motors.com
FK-130 PROMOCO-FK-130 Datasheet
205Kb / 1P
DC Motor
logo
List of Unclassifed Man...
FK-130 ETC-FK-130 Datasheet
31Kb / 1P
Typical Applications / Office Automation Equipments
More results

Similar Description - FK-60A-2-R

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RM21TPA-15S HIROSE-RM21TPA-15S Datasheet
795Kb / 15P
RM SERIES SHELL SIZE 12-31mm CIRCULAR CONNECTORS
RM21TPA-15S HIROSE-RM21TPA-15S_1 Datasheet
774Kb / 13P
RM SERIES SHELL SIZE 12-31mm CIRCULAR CONNECTORS
logo
Molex Electronics Ltd.
84508-0001 MOLEX11-84508-0001 Datasheet
51Kb / 2P
XRC Sealed Receptacle with Socket Insert, Shell Size 18, 14 Circuits, Blue Ring
84510-0005 MOLEX11-84510-0005 Datasheet
45Kb / 1P
XRC Sealed Plug with Socket Insert, Shell Size 24, 31 Circuits, with Collar
logo
Pasternack Enterprises,...
PE6240 PASTERNACK-PE6240 Datasheet
348Kb / 2P
F Male Non-Shorting Dust Cap
PE6240 PASTERNACK-PE6240_16 Datasheet
411Kb / 3P
F Male Non-Shorting Dust Cap
logo
Samtec, Inc
DCA-RPBU-01-01-A SAMTEC-DCA-RPBU-01-01-A Datasheet
154Kb / 2P
DUST CAP FOR RPBU
logo
TE Connectivity Ltd
C-2366866 TEC-C-2366866 Datasheet
186Kb / 1P
NECTOR T, 3Pos, SOCKET CONN. DUST CAP
logo
CONEC Elektronische Bau...
160X10449X CONEC-160X10449X Datasheet
42Kb / 1P
Dust cap for socket connector 9 - 37 pos.
1995.18.07
600X518015X CONEC-600X518015X Datasheet
35Kb / 1P
DUST CAP for sockef connector 9 - 37pos.
2015.04.03.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com