Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2731CDBVR Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV2731CDBVR
Description  Advanced LinCMOS RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2731CDBVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV2731CDBVR Datasheet HTML 3Page - Texas Instruments TLV2731CDBVR Datasheet HTML 4Page - Texas Instruments TLV2731CDBVR Datasheet HTML 5Page - Texas Instruments TLV2731CDBVR Datasheet HTML 6Page - Texas Instruments TLV2731CDBVR Datasheet HTML 7Page - Texas Instruments TLV2731CDBVR Datasheet HTML 8Page - Texas Instruments TLV2731CDBVR Datasheet HTML 9Page - Texas Instruments TLV2731CDBVR Datasheet HTML 10Page - Texas Instruments TLV2731CDBVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
TLV2731, TLV2731Y
Advanced LinCMOS
 RAIL-TO-RAIL
LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
SLOS198A – AUGUST 1997 – REVISED MARCH 2001
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLV2731C
TLV2731I
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
V
V
V
0.7
3
0.7
3
mV
αVIO
Temperature
coefficient of input
V
V
V
Full range
05
05
µV/°C
αVIO
coefficient of input
offset voltage
V
V
V
0.5
0.5
µV/°C
Input offset voltage
long-term drift
(see Note 4)
VDD
± = ±2.5 V,
VO = 0,
VIC = 0,
RS = 50 Ω
25
°C
0.003
0.003
µV/mo
IIO
Input offset current
25
°C
0.5
60
0.5
60
pA
IIO
Input offset current
Full range
150
150
pA
IIB
Input bias current
25
°C
1
60
1
60
pA
IIB
Input bias current
Full range
150
150
pA
–03
–03
25
°C
0 to 4
–0.3
to 4 2
0 to 4
–0.3
to 4 2
VICR
Common-mode input
RS =50 Ω
|VIO|≤5mV
25 C
0 to 4
to 4.2
0 to 4
to 4.2
V
VICR
voltage range
RS = 50 Ω,
|VIO| ≤5 mV
0to
0to
V
voltage range
Full range
0 to
37
0 to
37
Full range
3.7
3.7
Hi h l
l
t
t
IOH = – 1 mA
25
°C
4.9
4.9
VOH
High-level output
voltage
IOH = 4mA
25
°C
4.6
4.6
V
voltage
IOH = – 4 mA
Full range
4.3
4.3
Lll
t
t
VIC = 2.5 V,
IOL = 500 µA
25
°C
80
80
VOL
Low-level output
voltage
VIC =2 5V
IOL =1 mA
25
°C
160
160
mV
voltage
VIC = 2.5 V,
IOL = 1 mA
Full range
500
500
Large-signal
V2 5 V
R
600
Ω‡
25
°C
1
1.5
1
1.5
AVD
Large signal
differential voltage
VIC = 2.5 V,
VO =1Vto4V
RL = 600 Ω‡
Full range
0.3
0.3
V/mV
VD
amplification
VO = 1 V to 4 V
RL = 1 Mه
25
°C
400
400
rid
Differential input
resistance
25
°C
1012
1012
Ω
ric
Common-mode input
resistance
25
°C
1012
1012
Ω
cic
Common-mode input
capacitance
f = 10 kHz
25
°C
6
6
pF
zo
Closed-loop output
impedance
f = 1 MHz,
AV = 1
25
°C
138
138
Ω
CMRR
Common-mode
VIC = 0 to 2.7 V,
25
°C
60
70
60
70
dB
CMRR
rejection ratio
IC
,
VO = 2.5 V,
RS = 50 Ω
Full range
55
55
dB
kSVR
Supply voltage
rejection ratio
VDD = 4.4 V to 8 V,
25
°C
70
96
70
96
dB
kSVR
rejection ratio
(
∆VDD /∆VIO)
DD
,
VIC = VDD /2,
No load
Full range
70
70
dB
IDD
Supply current
VO =2 5V
No load
25
°C
850
1300
850
1300
µA
IDD
Supply current
VO = 2.5 V,
No load
Full range
1600
1600
µA
† Full range for the TLV2731C is 0
°C to 70°C. Full range for the TLV2731I is – 40°C to 85°C.
‡ Referenced to 2.5 V
NOTE 5: Typical values are based on the input offset voltage shift observed through 500 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com