Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VGJ3P Datasheet(PDF) 150 Page - STMicroelectronics

Part # STM32L4R5VGJ3P
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VGJ3P Datasheet(HTML) 150 Page - STMicroelectronics

Back Button STM32L4R5VGJ3P Datasheet HTML 146Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 147Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 148Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 149Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 150Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 151Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 152Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 153Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 306 page
background image
Table 26. Current consumption in Run and Low-power run modes, code with data
processing running from Flash in single Bank, ART enable (Cache ON Prefetch OFF)
Symbol Parameter
Conditions
fHCLK
TYP
MAX(1)
Unit
-
Voltage
scaling
25°C
55°C
85°C
105°C
125°C
25°C
55°C
85°C
105°C
125°C
IDD(Run)
Supply
current in
Run mode
fHCLK = fHSE
up to 48 MHz
included,
bypass mode
PLL ON above
48 MHz all
peripherals
disable
Range 2
26 MHz
3.40
3.80
4.90
6.55
9.45
3.9
4.8
6.8
11.0
17.0
mA
16 MHz
2.20
2.55
3.70
5.30
8.20
2.6
3.4
5.4
8.7
15.0
8 MHz
1.25
1.60
2.70
4.30
7.20
1.6
2.3
4.3
7.6
14.0
4 MHz
0.740
1.10
2.20
3.80
6.70
1.0
1.8
3.8
7.1
13.0
2 MHz
0.495
0.860
1.95
3.55
6.45
0.7
1.5
3.5
6.8
13.0
1 MHz
0.370
0.740
1.85
3.45
6.35
0.6
1.4
3.4
6.6
13.0
100 KHz 0.265
0.630
1.75
3.35
6.25
0.4
1.2
3.2
6.5
13.0
Range 1
Boost Mode
120 MHz 18.5
19.5
21.0
23.0
27.0
21.0
23.0
26.0
30.0
38.0
Range 1
Normal
Mode
80 MHz
11.5
12.0
13.5
15.5
19.0
13.0
14.0
17.0
21.0
28.0
72 MHz
10.5
11.0
12.5
14.5
18.0
12.0
13.0
16.0
20.0
27.0
64 MHz
9.25
9.75
11.0
13.5
17.0
11.0
12.0
14.0
18.0
26.0
48 MHz
7.35
7.85
9.30
11.5
15.0
8.3
9.3
12.0
16.0
23.0
32 MHz
5.00
5.50
6.95
8.95
12.5
5.7
6.7
9.2
14.0
21.0
24 MHz
3.85
4.35
5.75
7.75
11.5
4.4
5.4
7.9
12.0
19.0
16 MHz
2.65
3.15
4.55
6.55
10.0
3.1
4.1
6.6
11.0
18.0
IDD
(LPRun)
Supply
current in
Low-power
run mode
fHCLK = fMSI
all peripherals disable
2 MHz
490
910
2200
4050
7250
690
1600
4000
7700
14000
µA
1 MHz
305
770
2050
3900
7100
490
1500
3900
7500
14000
400 KHz
250
695
2000
3800
7000
430
1400
3800
7500
14000
100 KHz
210
645
1950
3750
7000
380
1400
3700
7400
14000
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com