Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VGJ3P Datasheet(PDF) 152 Page - STMicroelectronics

Part # STM32L4R5VGJ3P
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VGJ3P Datasheet(HTML) 152 Page - STMicroelectronics

Back Button STM32L4R5VGJ3P Datasheet HTML 148Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 149Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 150Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 151Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 152Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 153Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 154Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 155Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 306 page
background image
Table 28. Current consumption in Run and Low-power run modes, code with data
processing running from Flash in dual bank, ART enable (Cache ON Prefetch OFF)
Symbol
Parameter
Conditions
fHCLK
TYP
MAX(1)
Unit
-
Voltage
scaling
25°C
55°C
85°C
105°C 125°C
25°C
55°C
85°C
105°C 125°C
IDD
(Run)
Supply
current in
Run mode
fHCLK = fHSE
up to 48MHz
included,
bypass mode
PLL ON
above 48
MHz all
peripherals
disable
Range 2
26 MHz
3.60
3.95
5.05
6.65
9.55
4.2
5.0
7.1
11.0
17.0
mA
16 MHz
2.30
2.65
3.75
5.35
8.20
2.7
3.6
5.6
8.9
15.0
8 MHz
1.30
1.65
2.70
4.30
7.15
1.6
2.4
4.4
7.7
14.0
4 MHz
0.770
1.10
2.20
3.75
6.60
1.0
1.8
3.8
7.1
14.0
2 MHz
0.515
0.865
1.95
3.50
6.35
0.7
1.5
3.5
6.8
13.0
1 MHz
0.380
0.735
1.80
3.35
6.20
0.6
1.4
3.4
6.7
13.0
100 KHz 0.265
0.620
1.70
3.25
6.10
0.4
1.2
3.2
6.5
13.0
Range 1
Boost Mode
120 MHz
17.0
18.0
19.5
21.5
25.5
19.0
21.0
24.0
28.0
36.0
Range 1
Normal
Mode
80 MHz
12.5
13.0
14.0
16.0
19.5
14.0
15.0
18.0
22.0
29.0
72 MHz
11.0
11.5
13.0
15.0
18.5
13.0
14.0
17.0
21.0
28.0
64 MHz
9.90
10.5
12.0
14.0
17.5
12.0
13.0
15.0
19.0
26.0
48 MHz
7.85
8.30
9.75
11.5
15.0
8.7
9.9
13.0
17.0
24.0
32 MHz
5.35
5.80
7.20
9.20
12.5
6.1
7.1
9.6
14.0
21.0
24 MHz
4.10
4.55
5.95
7.90
11.5
4.7
5.7
8.2
13.0
20.0
16 MHz
2.80
3.30
4.65
6.60
10.0
3.3
4.3
6.8
11.0
18.0
IDD
(LPRun)
Supply
current in
Low-power
run mode
fHCLK = fMSI
all peripherals disable
2 MHz
460
905
2150
3950
7100
660
1700
4100
7700
15000
µA
1 MHz
355
760
2000
3800
6950
540
1500
3900
7600
14000
400 KHz
240
685
1950
3700
6850
410
1400
3800
7500
14000
100 KHz
200
635
1900
3650
6800
370
1400
3700
7500
14000
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com