Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VGJ3P Datasheet(PDF) 158 Page - STMicroelectronics

Part # STM32L4R5VGJ3P
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VGJ3P Datasheet(HTML) 158 Page - STMicroelectronics

Back Button STM32L4R5VGJ3P Datasheet HTML 154Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 155Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 156Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 157Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 158Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 159Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 160Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 161Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 162Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 306 page
background image
Table 34. Current consumption in Run and Low-power run modes,
code with data processing running from SRAM1
Symbol
Parameter
Conditions
fHCLK
TYP
MAX(1)
Unit
-
Voltage
scaling
25°C
55°C
85°C
105°C 125°C
25°C
55°C
85°C
105°C 125°C
IDD(Run)
Supply
current in
Run mode
fHCLK = fHSE
up to 48MHz
included,
bypass mode
PLL ON
above 48
MHz all
peripherals
disable
Range 2
26 MHz
3.35
3.75
4.85
6.45
9.30
4.70
5.6
7.6
11.0
17.0
mA
16 MHz
2.20
2.55
3.65
5.20
8.10
3.20
4.1
6.1
9.4
16.0
8 MHz
1.20
1.55
2.65
4.25
7.10
1.70
2.7
4.7
8.0
14.0
4 MHz
0.74
1.10
2.15
3.75
6.60
1.20
2.0
4.0
7.3
14.0
2 MHz
0.49
0.85
1.95
3.50
6.35
0.79
1.6
3.6
6.9
13.0
1 MHz
0.37
0.73
1.80
3.40
6.20
0.61
1.4
3.4
6.7
13.0
100 KHz
0.26
0.62
1.70
3.25
6.10
0.44
1.2
3.2
6.5
13.0
Range 1
Boost Mode
120 MHz 18.00 18.50 20.00
22.50
26.50
19.00
21.0
24.0
28.0
36.0(2)
Range 1
Normal
Mode
80 MHz
11.00
11.50 13.50
15.50
19.00
15.00
16.0
19.0
23.0
30.0(2)
72 MHz
10.00 10.50 12.00
14.00
18.00
13.00
15.0
18.0
22.0
29.0
64 MHz
9.10
9.60
11.00
13.00
16.50
12.00
13.0
16.0
20.0
27.0
48 MHz
7.20
7.70
9.20
11.00
14.50
11.00
12.0
15.0
19.0
26.0
32 MHz
4.90
5.40
6.85
8.80
12.50
7.30
8.5
12.0
16.0
23.0
24 MHz
3.75
4.25
5.65
7.65
11.00
5.60
6.7
9.3
14.0
21.0
16 MHz
2.60
3.10
4.50
6.45
9.90
4.10
5.2
7.7
12.0
19.0
IDD
(LPRun)
Supply
current in
Low-power
run mode
fHCLK = fMSI
all peripherals disable
FLASH in power-down
2 MHz
435
885
2150
3950
7100
800
1800
4200
7800
15000
µA
1 MHz
300
745
2000
3800
6950
580
1600
4000
7600
14000
400 KHz
225
655
1900
3700
6850
420
1400
3800
7500
14000
100 KHz
180
620
1900
3650
6800
370
1400
3700
7500
14000
1. Guaranteed by characterization results, unless otherwise specified.
2. Guaranteed by test in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com