Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VGJ3P Datasheet(PDF) 162 Page - STMicroelectronics

Part # STM32L4R5VGJ3P
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VGJ3P Datasheet(HTML) 162 Page - STMicroelectronics

Back Button STM32L4R5VGJ3P Datasheet HTML 158Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 159Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 160Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 161Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 162Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 163Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 164Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 165Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 306 page
background image
Table 37. Typical current consumption in Run and Low-power run modes, with
different codes running from Flash, ART enable (Cache ON Prefetch OFF)
and power supplied by external SMPS
Symbol
Parameter
Conditions(1)
TYP
Single
Bank
Mode
TYP
Dual Bank
Mode
Unit
TYP
Single
Bank
Mode
TYP
Dual
Bank
Mode
Unit
-
VDD12
fHCLK
Code
25°C
25°C
25°C
25°C
IDD
(Run)
Supply
current in
Run mode
fHCLK=fHSE up to
48 MHZ included,
bypass mode
PLL ON above
48 MHz all
peripherals
disable
VDD12=1.05V
fHCLK=
26 MHz
Reduced
code
1.34
1.41
mA
51
54
µA/MHz
Coremark
1.53
1.55
59
60
Dhrystone2.1
1.67
1.69
64
65
Fibonacci
1.43
1.53
55
59
While(1)
1.24
1.24
48
48
VDD12=1.10V
fHCLK=
26 MHz
Reduced
code
1.47
1.55
mA
56
60
µA/MHz
Coremark
1.68
1.70
65
66
Dhrystone2.1
1.83
1.85
71
71
Fibonacci
1.57
1.68
61
65
While(1)
1.36
1.36
52
52
fHCLK=
80 MHz
Reduced
code
4.13
4.49
mA
52
56
µA/MHz
Coremark
4.85
4.85
61
61
Dhrystone2.1
5.21
5.21
65
65
Fibonacci
4.49
5.03
56
63
While(1)
3.77
3.77
47
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com