Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VGJ3P Datasheet(PDF) 174 Page - STMicroelectronics

Part # STM32L4R5VGJ3P
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VGJ3P Datasheet(HTML) 174 Page - STMicroelectronics

Back Button STM32L4R5VGJ3P Datasheet HTML 170Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 171Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 172Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 173Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 174Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 175Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 176Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 177Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 178Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 306 page
background image
Table 48. Current consumption in Stop 0 mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
VDD
25°C
55°C
85°C
105°C
125°C
25°C
55°C
85°C
105°C
125°C
IDD(Stop 0)
Supply current
in Stop 0 mode,
RTC disabled
-
1.8 V
290
735
2050
3800
6950
560
1600
4500
8700
16000
µA
2.4 V
295
735
2050
3850
6950
560
1600
4500
8700
17000
3 V
295
735
2050
3850
7000
570
1600
4500
8800
17000
3.6 V
295
740
2050
3850
7000
570
1600
4500
8800
17000
(2)
1. Guaranteed by characterization results, unless otherwise specified.
2. Guaranteed by test in production.
Table 49. Current consumption in Standby mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
VDD
25°C
55°C
85°C 105°C 125°C 25°C 55°C 85°C 105°C
125°C
IDD
(Standby)
Supply current in Standby
mode (backup registers
retained),
RTC disabled
No
independent
watchdog
1.8 V
125
380
1900
5200
13500
340
1100 5300 15000
41000
nA
2.4 V
135
440
2200
6050
15500
350
1300 6100 18000
47000
3 V
150
535
2700
7500
19500
370
1500 7100 21000
54000
3.6 V
190
665
3200
8850
23000
400
1900 8400 24000
62000
With
independent
watchdog
1.8 V
295
-
-
-
-
-
-
-
-
-
2.4 V
355
-
-
-
-
-
-
-
-
-
3 V
420
-
-
-
-
-
-
-
-
-
3.6 V
510
-
-
-
-
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com