Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VGJ3P Datasheet(PDF) 178 Page - STMicroelectronics

Part # STM32L4R5VGJ3P
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VGJ3P Datasheet(HTML) 178 Page - STMicroelectronics

Back Button STM32L4R5VGJ3P Datasheet HTML 174Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 175Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 176Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 177Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 178Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 179Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 180Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 181Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 182Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 306 page
background image
Table 51. Current consumption in VBAT mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
VBAT
25°C
55°C
85°C
105°C
125°C
25°C
55°C
85°C
105°C
125°C
IDD(VBAT)
Backup domain
supply current
RTC
disabled
1.8 V
3.00
27.0
165
495
1350
8.0
67.0
390
1200
3000
nA
2.4 V
4.00
31.0
190
560
1550
10.0
76.0
440
1300
3300
3 V
6.00
43.0
255
750
2000
13.0
91.0
510
1500
3800
3.6 V
14.0
83.0
485
1450
4050
34.0
200
1100
3100
8300
RTC
enabled and
clocked by
LSE
bypassed at
32768 Hz
1.8 V
215
240
390
730
-----
-
2.4 V
305
340
510
900
-----
-
3 V
415
455
680
1200
-----
-
3.6 V
540
595
925
1900
-----
-
RTC
enabled and
clocked by
LSE
quartz(2)
1.8 V
305
345
510
865
1600
----
-
2.4 V
395
440
625
1050
1800
----
-
3 V
510
565
805
1350
2300
----
-
3.6 V
650
740
1200
2200
4450
----
-
1. Guaranteed by characterization results, unless otherwise specified.
2. Based on characterization done with a 32.768 kHz crystal (MC306-G-06Q-32.768, manufacturer JFVNY) with two 6.8 pF loading capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com