Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBUF01W6 Datasheet(PDF) 9 Page - STMicroelectronics

Part # USBUF01W6
Description  EMI filter and line termination for USB upstream ports
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBUF01W6 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button USBUF01W6 Datasheet HTML 3Page - STMicroelectronics USBUF01W6 Datasheet HTML 4Page - STMicroelectronics USBUF01W6 Datasheet HTML 5Page - STMicroelectronics USBUF01W6 Datasheet HTML 6Page - STMicroelectronics USBUF01W6 Datasheet HTML 7Page - STMicroelectronics USBUF01W6 Datasheet HTML 8Page - STMicroelectronics USBUF01W6 Datasheet HTML 9Page - STMicroelectronics USBUF01W6 Datasheet HTML 10Page - STMicroelectronics USBUF01W6 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
USBUFxxW6
Packaging information
9/11
3
Packaging information
Figure 16.
Recommeneded footprint
(dimensions in mm)
Table 3.
SOT323-6L Package Mechanical Data
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
0.8
1.1
0.031
0.043
A1
0
0.1
0
0.004
A2
0.8
1
0.031
0.039
b
0.15
0.3
0.006
0.012
c
0.1
0.18
0.004
0.007
D
1.8
2.2
0.071
0.086
E
1.15
1.35
0.045
0.053
e
0.65 Typ.
0.025 Typ.
HE
1.8
2.4
0.071
0.094
L
0.1
0.4
0.004
0.016
Q1
0.1
0.4
0.004
0.016
Table 4.
Mechanical specifications
Lead plating
Tin-lead
Lead plating
thickness
5 m min
25 m max
Lead material
Sn / Pb
(70% to 90%Sn)
Lead coplanarity
10 m max
Body material
Molded epoxt
Flammability
UL94V-0
A1
A2
A
L
HE
c
Q1
b
E
D
e
e
0.65
0.80
1.05
1.05
2.9
0.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com