Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBUF02W6 Datasheet(PDF) 8 Page - STMicroelectronics

Part # USBUF02W6
Description  EMI filter and line termination for USB upstream ports
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBUF02W6 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button USBUF02W6 Datasheet HTML 3Page - STMicroelectronics USBUF02W6 Datasheet HTML 4Page - STMicroelectronics USBUF02W6 Datasheet HTML 5Page - STMicroelectronics USBUF02W6 Datasheet HTML 6Page - STMicroelectronics USBUF02W6 Datasheet HTML 7Page - STMicroelectronics USBUF02W6 Datasheet HTML 8Page - STMicroelectronics USBUF02W6 Datasheet HTML 9Page - STMicroelectronics USBUF02W6 Datasheet HTML 10Page - STMicroelectronics USBUF02W6 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Technical information
USBUFxxW6
8/11
2.6
Transition times
This low pass filter has been designed in order to meet the USB 1.1 standard requirements
that implies the signal edges are maintained within the 4 -20 ns stipulated USB specification
limits. To verify this point, we have measured the rise time of VD+ voltage with and without
the USBUFxxW6 device.
Figure 14. shows the circuit used to perform measurements of the transition times. In Figure
15., we see the results of such measurements:
trise = 3.8 ns driver alone
trise = 7.8 ns with protection device
The adding of the protection device causes the rise time increase of roughly 4ns.
Note:
Rise time has been measured between 10% and 90% of the signal (resp. 90% and 10%)
Figure 14.
Typical rise and fall times:
measurement configuration
Figure 15.
Typical rise times with and
without protection device
D+
D-
+5V
+5V
74HC04
+5V
Square
Pulse
Generator
74HC04
USBDF
01W6
without
with



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com