Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV5633CDW Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV5633CDW
Description  2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV5633CDW Datasheet(HTML) 1 Page - Texas Instruments

  TLV5633CDW Datasheet HTML 1Page - Texas Instruments TLV5633CDW Datasheet HTML 2Page - Texas Instruments TLV5633CDW Datasheet HTML 3Page - Texas Instruments TLV5633CDW Datasheet HTML 4Page - Texas Instruments TLV5633CDW Datasheet HTML 5Page - Texas Instruments TLV5633CDW Datasheet HTML 6Page - Texas Instruments TLV5633CDW Datasheet HTML 7Page - Texas Instruments TLV5633CDW Datasheet HTML 8Page - Texas Instruments TLV5633CDW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
PW
DW
www.ti.com
FEATURES
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
D2
D3
D4
D5
D6
D7
A1
A0
SPD
DVDD
D1
D0
CS
WE
LDAC
PWR
AGND
OUT
REF
AVDD
DW OR PW PACKAGE
(TOP VIEW)
APPLICATIONS
DESCRIPTION
TLV5633C
TLV5633I
SLAS190C – MARCH 1999 – REVISED SEPTEMBER 2006
2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG
CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
•
12-Bit Voltage Output DAC
•
Programmable Internal Reference
•
Programmable Settling Time vs Power
Consumption
– 1 µs in Fast Mode
– 3.5 µs in Slow Mode
•
8-Bit µController Compatible Interface
•
Differential Nonlinearity . . . <0.5 LSB Typ
•
Voltage Output Range . . . 2x the Reference
Voltage
•
Monotonic Over Temperature
•
Digital Servo Control Loops
•
Digital Offset and Gain Adjustment
•
Industrial Process Control
•
Machine and Motion Control Devices
•
Mass Storage Devices
The TLV5633 is a 12-bit voltage output digital- to-analog converter (DAC) with an 8-bit microcontroller
compatible parallel interface. The 8 LSBs, the 4 MSBs, and 5 control bits are written using three different
addresses. Developed for a wide range of supply voltages, the TLV5633 can be operated from 2.7 V to 5.5 V.
The resistor string output voltage is buffered by a x2 gain rail-to-rail output buffer. The buffer features a Class A
(slow mode: AB) output stage to improve stability and reduce settling time. The programmable settling time of
the DAC allows the designer to optimize speed versus power dissipation. With its on-chip programmable
precision voltage reference, the TLV5633 simplifies overall system design. Because of its ability to source up to
1 mA, the internal reference can also be used as a system reference. The settling time and the reference
voltage can be chosen by a control register.
Implemented with a CMOS process, the device is designed for single supply operation from 2.7 V to 5.5 V. It is
available in 20-pin SOIC and TSSOP packages in standard commercial and industrial temperature ranges.
AVAILABLE OPTIONS
PACKAGE(1)
TA
SOIC (DW)
TSSOP (PW)
0°C to 70°C
TLV5633CDW
TLV5633CPW
-40°C to 85°C
TLV5633IDW
TLV5633IPW
(1)
For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI Web site at www.ti.com.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
MCS is a registered trademark of Intel Corporation .
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV5633CDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5633CDW TI-TLV5633CDW Datasheet
277Kb / 23P
2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
TLV5633CDW TI1-TLV5633CDW Datasheet
361Kb / 25P
2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
TLV5633CDWG4 TI-TLV5633CDWG4 Datasheet
277Kb / 23P
2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
TLV5633CDWG4 TI1-TLV5633CDWG4 Datasheet
361Kb / 25P
2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
TLV5633CDWR TI-TLV5633CDWR Datasheet
277Kb / 23P
2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
More results

Similar Description - TLV5633CDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5633C TI-TLV5633C Datasheet
277Kb / 23P
2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
TLV5636 TI-TLV5636 Datasheet
260Kb / 18P
2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5638 TI-TLV5638 Datasheet
289Kb / 19P
2.7 V TO 5.5 V LOW POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5639C TI-TLV5639C Datasheet
242Kb / 17P
2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
TLV5633 TI1-TLV5633 Datasheet
361Kb / 25P
2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
TLV5639CDWR TI-TLV5639CDWR Datasheet
675Kb / 24P
2.7-V TO 5.5-V LOW-POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
TLV5636CD TI-TLV5636CD Datasheet
633Kb / 22P
2.7-V TO 5.5-V, LOW POWER, 12-BIT, DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5633C TI-TLV5633C_15 Datasheet
312Kb / 25P
2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
TLV5636 TI-TLV5636_15 Datasheet
654Kb / 24P
2.7-V TO 5.5-V, LOW POWER, 12-BIT, DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5639C TI1-TLV5639C_16 Datasheet
905Kb / 25P
2.7-V TO 5.5-V LOW-POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com