Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV5633CDW.A Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV5633CDW.A
Description  2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV5633CDW.A Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV5633CDW.A Datasheet HTML 9Page - Texas Instruments TLV5633CDW.A Datasheet HTML 10Page - Texas Instruments TLV5633CDW.A Datasheet HTML 11Page - Texas Instruments TLV5633CDW.A Datasheet HTML 12Page - Texas Instruments TLV5633CDW.A Datasheet HTML 13Page - Texas Instruments TLV5633CDW.A Datasheet HTML 14Page - Texas Instruments TLV5633CDW.A Datasheet HTML 15Page - Texas Instruments TLV5633CDW.A Datasheet HTML 16Page - Texas Instruments TLV5633CDW.A Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
www.ti.com
DVDD
AVDD
LINEARITY, OFFSET, AND AGAIN ERROR USING SINGLE END SUPPLIES
DAC Code
Output
Voltage
0 V
Negative
Offset
TLV5633C
TLV5633I
SLAS190C – MARCH 1999 – REVISED SEPTEMBER 2006
Figure 13. TLV5633 Board Layout
When an amplifier is operated from a single supply, the voltage offset can still be either positive or negative.
With a positive offset, the output voltage changes on the first code change. With a negative offset the output
voltage may not change with the first code, depending on the magnitude of the offset voltage.
The output amplifier attempts to drive the output to a negative voltage. However, because the most negative
supply rail is ground, the output cannot drive below ground and clamps the output at 0 V.
The output voltage remains at zero until the input code value produces a sufficient positive output voltage to
overcome the negative offset voltage, resulting in the transfer function shown in Figure 14.
Figure 14. Effect of Negative Offset (Single Supply)
The offset error, not the linearity error, produces this breakpoint. The transfer function would have followed the
dotted line if the output buffer could drive below the ground rail.
For a DAC, linearity is measured between zero input code (all inputs 0) and full scale code (all inputs 1) after
offset and full scale are adjusted out or accounted for in some way. However, single supply operation does not
allow for adjustment when the offset is negative due to the breakpoint in the transfer function. So the linearity is
measured between full scale code and the lowest code that produces a positive output voltage.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com