Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP100NA/3K Datasheet(PDF) 8 Page - Texas Instruments

Part # TMP100NA/3K
Description  TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP100NA/3K Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMP100NA/3K Datasheet HTML 4Page - Texas Instruments TMP100NA/3K Datasheet HTML 5Page - Texas Instruments TMP100NA/3K Datasheet HTML 6Page - Texas Instruments TMP100NA/3K Datasheet HTML 7Page - Texas Instruments TMP100NA/3K Datasheet HTML 8Page - Texas Instruments TMP100NA/3K Datasheet HTML 9Page - Texas Instruments TMP100NA/3K Datasheet HTML 10Page - Texas Instruments TMP100NA/3K Datasheet HTML 11Page - Texas Instruments TMP100NA/3K Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Diode
Sensor
∆Σ
ADC
Converter
OSC
Control
Logic
Serial
Interface
Config
and Temp
Register
TMP100
Temperature
GND
SCL
1
2
3
6
5
4
1
2
3
6
5
4
ADD1
SDA
ADD0
V+
Diode
Sensor
∆Σ
ADC
Converter
OSC
Control
Logic
Serial
Interface
Config
and Temp
Register
TMP101
Temperature
GND
SCL
ALERT
SDA
ADD0
V+
Temp.
Temp.
TMP100, TMP101
SBOS231I – JANUARY 2002 – REVISED NOVEMBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The TMP100 and TMP101 devices are digital temperature sensors optimal for thermal management and thermal
protection applications. The TMP100 and TMP101 devices are Two-Wire, SMBus, and I2C interface-compatible.
These devices are specified over a operating temperature range of
−55°C to 125°C. The Functional Block
Diagram section shows the internal block diagrams of the TMP100 and TMP101 devices.
The temperature sensor in the TMP100 and TMP101 devices is the chip itself. Thermal paths run through the
package leads as well as the plastic package. The package leads provide the primary thermal path because of
the lower thermal resistance of the metal. The GND pin of the TMP100 or TMP101 is directly connected to the
metal lead frame, and is the best choice for thermal input.
7.2 Functional Block Diagram
8
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: TMP100 TMP101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com