Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP451AIDQFR Datasheet(PDF) 39 Page - Texas Instruments

Part # TMP451AIDQFR
Description  TMP451 ±1°C Remote and Local Temperature Sensor With η-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP451AIDQFR Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMP451AIDQFR Datasheet HTML 34Page - Texas Instruments TMP451AIDQFR Datasheet HTML 35Page - Texas Instruments TMP451AIDQFR Datasheet HTML 36Page - Texas Instruments TMP451AIDQFR Datasheet HTML 37Page - Texas Instruments TMP451AIDQFR Datasheet HTML 38Page - Texas Instruments TMP451AIDQFR Datasheet HTML 39Page - Texas Instruments TMP451AIDQFR Datasheet HTML 40Page - Texas Instruments TMP451AIDQFR Datasheet HTML 41Page - Texas Instruments TMP451AIDQFR Datasheet HTML 42Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
www.ti.com
PACKAGE OUTLINE
C
2.1
1.9
2.1
1.9
0.8
0.7
0.05
0.00
2X 1.5
6X 0.5
7X
0.6
0.4
8X
0.3
0.2
0.7
0.5
(0.2) TYP
WSON - 0.8 mm max height
DQF0008A
PLASTIC SMALL OUTLINE - NO LEAD
4220563/A 03/2021
0.05 C
0.1
C A B
0.05
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
PIN 1 INDEX AREA
SEATING PLANE
PIN 1 ID
SYMM
SYMM
1
4
5
8
SCALE 6.000
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com