Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP461-SP Datasheet(PDF) 31 Page - Texas Instruments

Part # TMP461-SP
Description  TMP461-SP Radiation-Hardness-Assured (RHA), High-Accuracy Remote and Local Temperature Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP461-SP Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMP461-SP Datasheet HTML 27Page - Texas Instruments TMP461-SP Datasheet HTML 28Page - Texas Instruments TMP461-SP Datasheet HTML 29Page - Texas Instruments TMP461-SP Datasheet HTML 30Page - Texas Instruments TMP461-SP Datasheet HTML 31Page - Texas Instruments TMP461-SP Datasheet HTML 32Page - Texas Instruments TMP461-SP Datasheet HTML 33Page - Texas Instruments TMP461-SP Datasheet HTML 34Page - Texas Instruments TMP461-SP Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
29-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
5962-1721801VXC
Active
Production
CFP (HKU) | 10
25 | TUBE
ROHS Exempt
NIAU
N/A for Pkg Type
-55 to 125
5962-1721801VXC
TMP461-SP
5962-1721801VXC.A
Active
Production
CFP (HKU) | 10
25 | TUBE
ROHS Exempt
NIAU
N/A for Pkg Type
-55 to 125
5962-1721801VXC
TMP461-SP
5962R1721801VXC
Active
Production
CFP (HKU) | 10
25 | TUBE
ROHS Exempt
NIAU
N/A for Pkg Type
-55 to 125
5962R1721801VXC
TMP461-SP
5962R1721801VXC.A
Active
Production
CFP (HKU) | 10
25 | TUBE
ROHS Exempt
NIAU
N/A for Pkg Type
-55 to 125
5962R1721801VXC
TMP461-SP
TMP461HKU/EM
Active
Production
CFP (HKU) | 10
25 | TUBE
ROHS Exempt
NIAU
N/A for Pkg Type
25 to 25
TMP461HKU/EM
EVAL ONLY
TMP461HKU/EM.A
Active
Production
CFP (HKU) | 10
25 | TUBE
ROHS Exempt
NIAU
N/A for Pkg Type
-55 to 125
TMP461HKU/EM
EVAL ONLY
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
(5) MSL rating/Peak reflow: The moisture sensitivity level ratings and peak solder (reflow) temperatures. In the event that a part has multiple moisture sensitivity ratings, only the lowest level per JEDEC standards is shown.
Refer to the shipping label for the actual reflow temperature that will be used to mount the part to the printed circuit board.
(6) Part marking: There may be an additional marking, which relates to the logo, the lot trace code information, or the environmental category of the part.
Multiple part markings will be inside parentheses. Only one part marking contained in parentheses and separated by a "~" will appear on a part. If a line is indented then it is a continuation of the previous line and the two
combined represent the entire part marking for that device.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com