Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP708AIDBVT Datasheet(PDF) 7 Page - Texas Instruments

Part # TMP708AIDBVT
Description  TMP708 Resistor-Programmable Temperature Switch in SOT Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP708AIDBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP708AIDBVT Datasheet HTML 3Page - Texas Instruments TMP708AIDBVT Datasheet HTML 4Page - Texas Instruments TMP708AIDBVT Datasheet HTML 5Page - Texas Instruments TMP708AIDBVT Datasheet HTML 6Page - Texas Instruments TMP708AIDBVT Datasheet HTML 7Page - Texas Instruments TMP708AIDBVT Datasheet HTML 8Page - Texas Instruments TMP708AIDBVT Datasheet HTML 9Page - Texas Instruments TMP708AIDBVT Datasheet HTML 10Page - Texas Instruments TMP708AIDBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Hysteresis
Control
Positive
Tempco
Reference
HYST
SET
Negative
Tempco
Reference
TMP708
R
SET
R
PULLUP
2.7 V to 5.5 V
OT
VCC
GND
Copyright © 2016, Texas Instruments Incorporated
7
TMP708
www.ti.com
SBOS585B – DECEMBER 2011 – REVISED DECEMBER 2016
Product Folder Links: TMP708
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TMP708 is a fully-integrated, resistor-programmable temperature switch that incorporates two temperature-
dependent voltage references and one comparator. One voltage reference exhibits a positive temperature
coefficient (tempco), and the other voltage reference exhibits a negative tempco. The temperature at which both
voltage references are equal determines the temperature trip point.
The Functional Block Diagram shows the comparator, the NFET open-drain device connected to the OT pin, the
positive tempco reference using the external RSET resistor, the negative tempco reference, and the hysteresis
control. The voltage of the positive tempco reference is controlled by external resistor RSET.
7.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com