Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP821 Datasheet(PDF) 5 Page - Texas Instruments

Part # TMP821
Description  TMP821 Two-Phase Half-Wave Motor Predriver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP821 Datasheet(HTML) 5 Page - Texas Instruments

  TMP821 Datasheet HTML 1Page - Texas Instruments TMP821 Datasheet HTML 2Page - Texas Instruments TMP821 Datasheet HTML 3Page - Texas Instruments TMP821 Datasheet HTML 4Page - Texas Instruments TMP821 Datasheet HTML 5Page - Texas Instruments TMP821 Datasheet HTML 6Page - Texas Instruments TMP821 Datasheet HTML 7Page - Texas Instruments TMP821 Datasheet HTML 8Page - Texas Instruments TMP821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
V – Supply Voltage – V
AL
0
2
4
6
8
10
12
14
16
18
20
0
5
10
15
20
A1/A2 Output Current – mA
10
10.5
11
11.5
12
0
20
40
60
80
TMP821
www.ti.com
SLDS152A – JANUARY 2008 – REVISED MAY 2015
6.5 Electrical Characteristics
VCC = 12 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VHYS
Hall amplifier input voltage hysteresis
±3
±15
mV
VAL
Lock alarm signal low-level output voltage
AL
IAL = 5 mA
0.5
V
IAL
Lock alarm signal low-level output current
AL
VAL = 2 V
8
mA
ILDC
Lock Detection capacitor charge current
LD
VLD = 1.5 V
2
3.45
5.25
μA
ILDD
Lock Detection capacitor discharge current
LD
VLD = 1.5 V
0.35
0.8
1.45
μA
Lock Detection capacitor charge and
rCD
LD
rCD = ILDC/ILDD
3
4.5
8
discharge current ratio
VLDCL
Lock Detection capacitor clamp voltage
LD
2.2
2.6
3
V
VLDCP
Lock Detection capacitor comparator voltage
LD
0.4
0.6
0.8
V
V7H
High-level output voltage
A1
IOH = –10 mA
10
10.5
V
V8H
High-level output voltage
A2
IOH = –10 mA
10
10.5
V
ICC
Supply current
Output off
3.2
5
mA
6.6 Typical Characteristics
Figure 2. A1/A2 Output Voltage vs A1/A2 Output Current
Figure 1. AL Current Consumption vs AL Supply Voltage
(VCC = 12 V)
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TMP821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com