Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W39V080ATZ Datasheet(PDF) 9 Page - Winbond

Part # W39V080ATZ
Description  1M 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W39V080ATZ Datasheet(HTML) 9 Page - Winbond

Back Button W39V080ATZ Datasheet HTML 5Page - Winbond W39V080ATZ Datasheet HTML 6Page - Winbond W39V080ATZ Datasheet HTML 7Page - Winbond W39V080ATZ Datasheet HTML 8Page - Winbond W39V080ATZ Datasheet HTML 9Page - Winbond W39V080ATZ Datasheet HTML 10Page - Winbond W39V080ATZ Datasheet HTML 11Page - Winbond W39V080ATZ Datasheet HTML 12Page - Winbond W39V080ATZ Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
W39V080A
Publication Release Date: Dec. 28, 2005
- 9 -
Revision A4
GPI Register Table
BIT
FUNCTION
7
− 5
Reserved
4
Read GPI4 pin status
3
Read GPI3 pin status
2
Read GPI2 pin status
1
Read GPI1 pin status
0
Read GPI0 pin status
Product Identification Registers
There is a software method to read out the Product Identification in both the Programmer interface
mode and the LPC interface mode. Thus, the programming equipment can automatically matches the
device with its proper erase and programming algorithms.
In the full-chip(8Mb) LPC interface mode, a read from FFBC, 0000(hex) can output the manufacturer
code, DA(hex). A read from FFBC, 0001(hex) can output the device code D0(hex).
For dual-BIOS(4Mbx2) LPC mode , a read from FFBC, 0000(hex) can output the manufacturer code,
DA(hex). A read from FFBC,0001(hex) can output the device code 90(hex).
In the software access mode, a JEDEC 3-byte command sequence can be used to access the
product ID for programmer interface mode. A read from address 0000(hex) outputs the manufacturer
code, DA(hex). A read from address 0001(hex) outputs sequence or an alternate one-byte command
sequence (see Command Definition table for detail).the device code, D0(hex).” The product ID
operation can be terminated by a three-byte command.
Identification Input Pins ID[3:0]
These pins are part of mechanism that allows multiple parts to be used on the same bus. The boot
device should be 0000b. And all the subsequent parts should use the up-count strapping.
Memory Address Map
There are 8M bytes space reserved for BIOS Addressing. The 8M bytes are mapped into a single 4M
system address by dividing the ROMs into two 4M byte pages. For accessing the 4M byte BIOS
storage space, the ID[2:1] pins are inverted in the ROM and are compared to address lines [21:20].
ID[3] can be used as like active low chip-select pin.
The 32Mbit address space is as below:
BLOCK
LOCK
ADDRESS RANGE
4M Byte BIOS ROM
None
FFFF, FFFFh: FFC0, 0000h
The ROM responds to top 1M byte pages based on the ID pins strapping according to the following
table:
ID[2:1] PINS
ROM BASED ADDRESS RANGE
00x
FFFF, FFFFh: FFF0, 0000h
01x
FFEF, FFFFh: FEF0, 0000h
10x
FFDF, FFFFh: FFD0, 0000h
11x
FFCF, FFFFh: FFC0, 0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com