Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRMCF311TY Datasheet(PDF) 29 Page - International Rectifier

Part # IRMCF311TY
Description  Dual Channel Sensorless Motor Control IC for Appliances
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF311TY Datasheet(HTML) 29 Page - International Rectifier

Back Button IRMCF311TY Datasheet HTML 25Page - International Rectifier IRMCF311TY Datasheet HTML 26Page - International Rectifier IRMCF311TY Datasheet HTML 27Page - International Rectifier IRMCF311TY Datasheet HTML 28Page - International Rectifier IRMCF311TY Datasheet HTML 29Page - International Rectifier IRMCF311TY Datasheet HTML 30Page - International Rectifier IRMCF311TY Datasheet HTML 31Page - International Rectifier IRMCF311TY Datasheet HTML 32Page - International Rectifier IRMCF311TY Datasheet HTML 33Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
IRMCF311
29
8 Pin List
Pin
Number
Pin Name
Internal IC
Pull-up
/Pull-down
Pin
Type
Description
1
XTAL0
I
Crystal input
2
XTAL1
O
Crystal output
3
P1.1/RXD
I/O
Discrete programmable I/O or UART receive input
4
P1.2/TXD
I/O
Discrete programmable I/O or UART transmit
output
5
P1.3/SYNC/
SCK
I/O
Discrete programmable I/O or SYNC output or SPI
clock, needs to be pulled up to VDD1 in order to
boot from I2C EEPROM
6
P1.4/CAP
I/O
Discrete programmable I/O or Capture Timer input
7
VDD2
P
1.8V digital power
8
VSS
P
Digital common
9
VDD1
P
3.3V digital power
10
FGATEKILL
I
Fan PWM shutdown input, 2-μsec digital filter,
configurable either high or low true.
11
FPWMWL
70 kΩ Pull
up
O
Fan PWM gate drive for phase W low side,
configurable either high or low true
12
FPWMWH
70 kΩ Pull
up
O
Fan PWM gate drive for phase W high side,
configurable either high or low true
13
FPWMVL
70 kΩ Pull
up
O
Fan PWM gate drive for phase V low side,
configurable either high or low true
14
FPWMVH
70 kΩ Pull
up
O
Fan PWM gate drive for phase V high side,
configurable either high or low true
15
FPWMUL
70 kΩ Pull
up
O
Fan PWM gate drive for phase U low side,
configurable either high or low true
16
FPWMUH
70 kΩ Pull
up
O
Fan PWM gate drive for phase U high side,
configurable either high or low true
17
P2.6/
AOPWM0
I/O
Discrete programmable I/O or analog output 0
(PWM)
18
P2.7/
AOPWM1
Discrete programmable I/O or analog output 1
(PWM)
19
VDD2
P
1.8V digital power
20
VSS
P
Digital common
21
IFBF-
I
Fan single shunt current sensing OP amp input (-)
22
IFBF+
I
Fan single shunt current sensing OP amp input (+)
23
IFBFO
O
Fan single shunt current sensing OP amp output
24
AIN0
I
Analog input channel 0, 0-1.2V range, needs to be
pulled down to AVSS if unused
25
AVDD
P
1.8V analog power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com