Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHCT138AM Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74VHCT138AM
Description  3 TO 8 LINE DECODER INVERTING
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHCT138AM Datasheet(HTML) 1 Page - STMicroelectronics

  74VHCT138AM Datasheet HTML 1Page - STMicroelectronics 74VHCT138AM Datasheet HTML 2Page - STMicroelectronics 74VHCT138AM Datasheet HTML 3Page - STMicroelectronics 74VHCT138AM Datasheet HTML 4Page - STMicroelectronics 74VHCT138AM Datasheet HTML 5Page - STMicroelectronics 74VHCT138AM Datasheet HTML 6Page - STMicroelectronics 74VHCT138AM Datasheet HTML 7Page - STMicroelectronics 74VHCT138AM Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
74VHCT138A
3 TO 8 LINE DECODER (INVERTING)
PRELIMINARY DATA
March 2000
s
HIGH SPEED: tPD = 7.6 ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =4
µA (MAX.) at TA =25 oC
s
COMPATIBLE WITH TTL OUTPUTS:
VIH =2V (MIN), VIL = 0.8V (MAX)
s
POWER DOWN PROTECTION ON INPUTS &
OUTPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|=IOL = 8 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH
≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 4.5V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 138
s
IMPROVED LATCH-UP IMMUNITY
s
LOW NOISE: VOLP = 0.8V (Max.)
DESCRIPTION
The 74VHCT138A is an advanced high-speed
CMOS 3 TO 8 LINE DECODER (INVERTING)
fabricated with sub-micron silicon gate and
double-layer metal wiring C
2MOS technology.
If the device is enabled, 3 binary select inputs (A,
B and C) determine which one of the outputs will
go low. If enable input G1 is held low or either
G2A or G2B is held high, the decoding function is
inhibited and all the 8 outputs go to high.
Three enable inputs are provided to ease
cascade connection and application of address
decoders for memory systems.
Power down protection is provided on all inputs
and outputs and 0 to 7V can be accepted on
inputs with no regard to the supply voltage. This
device can be used to interface 5V to 3V.
All inputs
and
outputs are
equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
PIN CONNECTION AND IEC LOGIC SYMBOLS
®
SOP
TSSOP
ORDER CODES
PACKAGE
T UBE
T & R
SOP
74VHCT138AM
74VHCT138AMTR
TSSOP
74VHCT138ATTR
1/8


Similar Part No. - 74VHCT138AM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHCT138AM FAIRCHILD-74VHCT138AM Datasheet
69Kb / 6P
3-to-8 Decoder/Demultiplexer
74VHCT138AM FAIRCHILD-74VHCT138AM Datasheet
354Kb / 9P
3-to-8 Decoder/Demultiplexer
logo
ON Semiconductor
74VHCT138AM ONSEMI-74VHCT138AM Datasheet
352Kb / 11P
3-to-8 Decoder/Demultiplexer
May 2007 Rev. 1.2
logo
Fairchild Semiconductor
74VHCT138AMTC FAIRCHILD-74VHCT138AMTC Datasheet
69Kb / 6P
3-to-8 Decoder/Demultiplexer
74VHCT138AMTC FAIRCHILD-74VHCT138AMTC Datasheet
354Kb / 9P
3-to-8 Decoder/Demultiplexer
More results

Similar Description - 74VHCT138AM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC138 STMICROELECTRONICS-74AC138 Datasheet
275Kb / 10P
3 TO 8 LINE DECODER INVERTING
Apr-2001
74ACT138 STMICROELECTRONICS-74ACT138 Datasheet
79Kb / 8P
3 TO 8 LINE DECODER INVERTING
Apr-2001
74VHC138 STMICROELECTRONICS-74VHC138 Datasheet
65Kb / 8P
3 TO 8 LINE DECODER INVERTING
Jun-1999
M54HCT138 STMICROELECTRONICS-M54HCT138 Datasheet
242Kb / 10P
3 TO 8 LINE DECODER INVERTING
Feb-1993
M74HCT138 STMICROELECTRONICS-M74HCT138 Datasheet
286Kb / 9P
3 TO 8 LINE DECODER (INVERTING)
Aug-2001
74AC138M STMICROELECTRONICS-74AC138M Datasheet
286Kb / 10P
3 TO 8 LINE DECODER (INVERTING)
Apr-2001
M74HC138 STMICROELECTRONICS-M74HC138 Datasheet
283Kb / 10P
3 TO 8 LINE DECODER (INVERTING)
Jul-2001
74LVQ138 STMICROELECTRONICS-74LVQ138_04 Datasheet
321Kb / 12P
3 TO 8 LINE DECODER (INVERTING)
29-Jul-2004
74VHC138 STMICROELECTRONICS-74VHC138_04 Datasheet
319Kb / 12P
3 TO 8 LINE DECODER (INVERTING)
12-Nov-2004
74VHCT138A STMICROELECTRONICS-74VHCT138A_04 Datasheet
304Kb / 12P
3 TO 8 LINE DECODER (INVERTING)
16-Dec-2004
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com