Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZCHP1/2 Datasheet(PDF) 1 Page - TT Electronics.

Part # ZCHP1/2
Description  Cylindrical Surface Mount Zerohm Jumpers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

ZCHP1/2 Datasheet(HTML) 1 Page - TT Electronics.

  ZCHP1/2 Datasheet HTML 1Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Cylindrical Surface Mount
Zerohm Jumpers
ZCHP Series
Reliable Metal Glaze™ technology
Available in all standard CHP sizes
Superb solderability - reflow and wave
Operating temperature -55°C to +150°C
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Metal Glaze™ thick
film element fired
at 1000°C to solid
ceramic substrate
High
temperature
dielectric
coating
Solder over nickel
barrier
Cylindrical Surface Mount
Zerohm Jumpers
Applications
ZCHP Series
• Reliable Metal Glaze™ technology
• Available in all standard CHP sizes
• Superb solderability - reflow and wave
• Operating temperature -55°C to +150°C
Electrical Data
Size Code
Industry Footprint
IRC Type
Maximum Resistance
(m
Ω)
Current Rating @ 25°C
(amps)²
B
1206
ZCHP 1/8
20
3
D
2010
ZCHP 1/2
30
4
F
2512
ZCHP 1
35
5
H
3610
ZCHP 2
35
6
² Derate current to "0" amps at 150°C.
Sample Part No.
IRC Type
(CHP 1/8, CHP 1/2, CHP 1, or CHP 2)
Packaging Code*
BLK = Bulk, 7 = 7" Reel, 13 = 13" Reel
Ordering Data
ZCHP 1 - 13
Zerohm Jumpers or Crossovers are basically interconnection devices bewtween points on a PC board. Typically, they are used
to connect two points on a PC board due to other circuit paths which must be crossed over. The XCHP Jumpers are available in
four case sizes and are supplied on tape and reel to support high volume placement.
ZCHP Series Issue September 2008 Sheet 1 of 1
Metal Glaze™ thick
film element fired
at 1000˚C to solid
ceramic substrate
High
temperature
dielectric
coating
Solder over nickel
barrier
Resistors
Ordering Procedure
Example: ZCHP1LF13 (ZCHP1, Pb-free)
Z C H P
1
L
F
1 3
1
2
3
1
2
3
Type
Termination
Packing
ZCHP1/8 Omit for SnPb
Standard packing
ZCHP1/2 LF = Pb-free 7
ZCHP1/8
2500/7” reel
ZCHP1
7
ZCHP1/2 & 1
1500/7” reel
ZCHP2
13
ZCHP2
1500/13” reel
Non-standard packing
13 ZCHP1/8, 1/2 & 1 5000/13” reel
06.18
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
All Pb-free parts comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)
All Pb-free parts comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)
OBSOLETE


Similar Part No. - ZCHP1/2

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
ZCHP1-13 IRCTT-ZCHP1-13 Datasheet
111Kb / 1P
Cylindrical Surface Mount Zerohm Jumpers
ZCHP1-7 IRCTT-ZCHP1-7 Datasheet
111Kb / 1P
Cylindrical Surface Mount Zerohm Jumpers
ZCHP1-BLK IRCTT-ZCHP1-BLK Datasheet
111Kb / 1P
Cylindrical Surface Mount Zerohm Jumpers
More results

Similar Description - ZCHP1/2

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ZOR EXAR-ZOR Datasheet
26Kb / 1P
Zerohm Resistors
logo
Abracon Corporation
AB308R ABRACON-AB308R Datasheet
375Kb / 1P
HIGH FREQUENCY, CYLINDRICAL TYPE CRYSTALS REFLOWABLE SURFACE MOUNT
logo
Advanced Crystal Techno...
ACTJ206SMX ACT-ACTJ206SMX Datasheet
295Kb / 2P
miniature surface mount Watch Crystal in a cylindrical
23/03/07
logo
IRC - a TT electronics ...
CHP IRCTT-CHP Datasheet
151Kb / 3P
Metal Glaze??Cylindrical Surface Mount Power Resistors
SMC1502203CLF7 IRCTT-SMC1502203CLF7 Datasheet
193Kb / 3P
Cylindrical Surface Mount Metal Glaze Compliant Terminal Resistors
ZCHP1-7 IRCTT-ZCHP1-7 Datasheet
111Kb / 1P
Cylindrical Surface Mount Zerohm Jumpers
logo
Advanced Crystal Techno...
ACTJ206SMX ACT-ACTJ206SMX_12 Datasheet
183Kb / 3P
miniature surface mount Watch Crystal in a cylindrical
31-05-2012
logo
Aries Electronics, Inc.
0517 ARIES-0517 Datasheet
656Kb / 1P
Mount components, jumpers
logo
Precid-Dip Durtal SA
110-87-320-41-005101 PREDIP-110-87-320-41-005101 Datasheet
4Mb / 29P
MaLE JumpERS
logo
WECO ELECTRICAL CONNECT...
307-V WECO-307-V Datasheet
81Kb / 1P
Jumpers Accessories
04.18
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com