Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1718LF-DS-R02 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # IP1718LF-DS-R02
Description  18-port 10/100Mbps Smart Switch Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1718LF-DS-R02 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button IP1718LF-DS-R02 Datasheet HTML 16Page - List of Unclassifed Manufacturers IP1718LF-DS-R02 Datasheet HTML 17Page - List of Unclassifed Manufacturers IP1718LF-DS-R02 Datasheet HTML 18Page - List of Unclassifed Manufacturers IP1718LF-DS-R02 Datasheet HTML 19Page - List of Unclassifed Manufacturers IP1718LF-DS-R02 Datasheet HTML 20Page - List of Unclassifed Manufacturers IP1718LF-DS-R02 Datasheet HTML 21Page - List of Unclassifed Manufacturers IP1718LF-DS-R02 Datasheet HTML 22Page - List of Unclassifed Manufacturers IP1718LF-DS-R02 Datasheet HTML 23Page - List of Unclassifed Manufacturers IP1718LF-DS-R02 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
IP1718 LF
Preliminary Data Sheet
20/33
January 27, 2005
Copyright © 2003, IC Plus Corp.
IP1718 LF-DS-R05
Register
Address
Register Description
Attribute
Default
value
03H
Egress/Ingress data rate control.
Bit[7:0]: Egress data rate control.
Bit[15:8]: Ingress data rate control.
The maximum ingress/egress byte number in one time unit is.
Bit[15:8] * 512 for Ingress
Bit[7:0] * 512 for Egress.
The one time unit is 10ms for 100Mbps seed and 100ms for 10Mbps
speed.
R/W
16’hffff
04H ~ 12H
1BH~ 1CH
04H ~ 12H: Egress/Ingress data rate control for port 2 to port 16.
04H register corresponds to port 2.
1BH ~ 1CH: Egress/Ingress data rate control for port 17 and port 18.
1BH register corresponds to port 17.
The definition is the same as that of the register 03H.
R/W
16’hffff
1DH
Port receive function.
1: Enable;
0: Disable.
Bit 0 corresponds to port 1.
Bit 15 corresponds to port 16.
R/W
16’Hffff
1E
Port receive function.
Bit[9:8] 1: Enable; 0: Disable.
Bit 8 and bit 9 correspond to port 17 and port 18 respectively. Other
bits are reserved.
R/W
10’h3ff
1FH
MAC reset for port 1 to port 16.
0: Activate reset; 1: normal operation.
Bit 0 corresponds to port 1.
Bit 15 corresponds to port 16.
R/W
16’hffff
20H
MAC reset for port 17 and port 18.
Bit[9:8] 0: Activate reset; 1: normal operation.
Bit 8 and bit 9 correspond to port 17 and port 18 respectively. Other
bits are reserved.
R/W
10’h3ff
21H
MAC filters the data frames for port16~pot1, 1 bit per port
0: only control frames are forwarded
1: all good frames are forwarded
R/W
16’hffff
22H
MAC filters the data frames for port 17 and port 18, 1 bit per port
bit[9:8] : 0: only control frames are forwarded
1: all good frames are forwarded
Other bits are reserved
R/W
10’h3ff
23H
Port base priority enable for port16~pot1, 1 bit per port
bit[15:0] : 0: This port is set to normal priority
1: This port is set to high priority
R/W
16’h0
24H
Port base priority enable for port 17 and port 18, 1 bit per port
bit[9:8] :
0: This port is set to normal priority
1: This port is set to high priority
Other bits are reserved
R/W
10’h0
25H
VLAN Tag based priority enable for port16~pot1, 1 bit per port
bit[15:0] : 0: disable
1: enable
R/W
16’h0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com