Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2470CDBVT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2470CDBVT
Description  FAMILY OF 600關A/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2470CDBVT Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLV2470CDBVT Datasheet HTML 10Page - Texas Instruments TLV2470CDBVT Datasheet HTML 11Page - Texas Instruments TLV2470CDBVT Datasheet HTML 12Page - Texas Instruments TLV2470CDBVT Datasheet HTML 13Page - Texas Instruments TLV2470CDBVT Datasheet HTML 14Page - Texas Instruments TLV2470CDBVT Datasheet HTML 15Page - Texas Instruments TLV2470CDBVT Datasheet HTML 16Page - Texas Instruments TLV2470CDBVT Datasheet HTML 17Page - Texas Instruments TLV2470CDBVT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
www.ti.com
RL = 10kΩ
f − Frequency − Hz
100
1k
10k
100k
60
40
0
20
80
100
1M
10M
RL = 600Ω
120
VDD = 3V, 5V
CL = 0pF
AV = 1
VI(PP) = 0.1V, 1.5V, 3V
RL = 10kΩ
f − Frequency − Hz
100
1k
10k
100k
60
40
0
20
80
100
1M
10M
RL = 600Ω
120
VDD = 3V, 5V
RL = 10kΩ
CL = 0pF
AV = 1
VIN = 0.1VPP, 1.5VPP, 3VPP
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
TA = +125°C
TA = +85°C
VDD − Supply Voltage − V
Shutdown On
RL = OPEN
VI = VDD/2
TA = +25°C
TA = −40°C
−1
−2
−4
−3
2
1
3
4
Shutdown Pulse
IDD RL = 10kΩ
t − Time −
µs
1.25
0.75
−0.50
0.50
1.50
1.75
2.00
VDD = 3V
CL = 8pF
TA = +25°C
1.00
0.25
0
−0.25
0
−8
−7
−5
−6
0
4
8
12
16
20
24
28 30
IDD RL = 600Ω
−2
−4
2
6
Shutdown Pulse
IDD RL = 10kΩ
t − Time −
µs
1.25
0.75
−0.50
0.50
1.50
1.75
2.00
VDD = 5V
CL = 8pF
TA = +25°C
1.00
0.25
0
−0.25
0
−8
−6
0
4
8
30
24
20
16
12
IDD RL = 600Ω
4
−10
−12
28
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
−55 −35 −15
5
25
45
65
85 105 125
TA − Free-Air Temperature − °C
SD MODE Channel 1 and 2
AV = 1
RL = OPEN
VIN = VDD/2
VDD = 3V
VDD = 5V
TLV2470,, TLV2471
TLV2472, TLV2473
TLV2474, TLV2475, TLV247xA
SLOS232E – JUNE 1999 – REVISED JULY 2007
TYPICAL CHARACTERISTICS (continued)
SHUTDOWN FORWARD
ISOLATION
SHUTDOWN REVERSE ISOLATION
SHUTDOWN SUPPLY CURRENT
vs
vs
vs
FREQUENCY
FREQUENCY
SUPPLY VOLTAGE
Figure 35.
Figure 36.
Figure 37.
SHUTDOWN SUPPLY CURRENT
SHUTDOWN PULSE CURRENT
SHUTDOWN PULSE CURRENT
vs
vs
vs
FREE-AIR TEMPERATURE
TIME
TIME
Figure 38.
Figure 39.
Figure 40.
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com