Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4147 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 4147
Description  ADXL343 ADT7410 Sensor FeatherWing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4147 Datasheet(HTML) 2 Page - Adafruit Industries

  4147 Datasheet HTML 1Page - Adafruit Industries 4147 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The Analog Devices ADT7410 is an I2C temperature sensor, with 16-bit
0.0078°C temperature resolution and 0.5°C temperature tolerance. Use with any
microcontroller to get reliable temperature readings with ease.
Thanks to Digi-Key and Analog Devices for sponsoring the development of this
breakout board - we've made the PCB "Digi-Key red" in their honor!
TECHNICAL DETAILS
ADT7410 Specifications:
Up to 16-bit temperature resolution (0.0078°C per lsb), default is 13 bits
(0.0625°C per lsb).
Highly accurate temperature tolerances:
±0.5°C from −40°C to +105°C (2.7 V to 3.6 V)
±0.4°C from −40°C to +105°C (3.0 V)
Configurable I2C address allows up to four sensors on the I2C bus
ADXL343 Specifications:
3-axis MEMs digital accelerometer
User-selectable output resolution:
+/- 2 g (10-bit data, or +/- 512)
+/- 4 g (11-bit data, or +/- 1024)
+/- 8g (12-bit data, or +/- 2048)
+/- 16 g (13-bit data, or +/- 4096)
User-selectable data rate (0.1 .. 3200 Hz)
Hardware support for free-fall detection, tap detection, and
activity/inactivity
 
 
 
 
                                                https://www.adafruit.com/product/4147/3‐11‐19 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com