Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4224 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 4224
Description  Adafruit eInk Breakout Friend with 32KB SRAM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4224 Datasheet(HTML) 2 Page - Adafruit Industries

  4224 Datasheet HTML 1Page - Adafruit Industries 4224 Datasheet HTML 2Page - Adafruit Industries 4224 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
the work for you, you can just interface with it as if it were an Adafruit_GFX
compatible display. If you prefer not to use the chip, our libraries will
automatically use the microcontroller/microcomputer internal RAM.
For ultra-low power usages, the onboard 3.3V regulator has the Enable pin
brought out so you can shut down the power to the SRAM and display. By
default the RESE resistor is set to 0.5 ohms, which is the most common value,
but by cutting/soldering the bottom solder jumper you can set the resistor to 3
ohms.
Comes assembled and tested, with some header. You'll need a soldering iron to
attach the header for breadboarding or installing into your project. Does not
come with an EInk display!For use with just about any EInk display that has a
24-pin FPC connector. See these schematics to verify that your display matches
before purchasing.
 
TECHNICAL DETAILS
Product Dimensions: 34.7mm x 21.5mm x 3.5mm / 1.4" x 0.8" x 0.1"
Product Weight: 3.4g / 0.1oz
 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com