Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPX82 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # BPX82
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BPX82 Datasheet(HTML) 5 Page - OSRAM GmbH

  BPX82 Datasheet HTML 1Page - OSRAM GmbH BPX82 Datasheet HTML 2Page - OSRAM GmbH BPX82 Datasheet HTML 3Page - OSRAM GmbH BPX82 Datasheet HTML 4Page - OSRAM GmbH BPX82 Datasheet HTML 5Page - OSRAM GmbH BPX82 Datasheet HTML 6Page - OSRAM GmbH BPX82 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BPX 80, BPX 82
… 89
2007-04-04
5
Relative Spectral Sensitivity
S
rel = f (λ)
Photocurrent
I
PCE/IPCE25
o
=
f (T
A), VCE = 5 V
Directional Characteristics
S
rel = f (ϕ)
0
10
20
30
40
50
60
70
80
90
100
400
500
600
700
800
900 1000 1100
lambda
Srel
%
nm
Photocurrent
I
PCE = f (Ee), VCE = 5 V
Collector-Emitter Capacitance
C
CE = f (VCE), f = 1 MHz, E = 0
0
1
2
3
4
5
6
7
8
1E-03
1E-02
1E-01
1E+00
1E+01
1E+02
CCE
pF
V
VCE
Total Power Dissipation
P
tot = f (TA)
Dark Current
I
CEO = f (VCE), E = 0
Dark Current
I
CEO = f (TA), VCE = 20 V, E = 0
0.01
0.1
1
10
0
5
10
15
20
25
30
35
I CEO
V CE
V
nA
0.01
0.1
1
10
100
1000
10000
-25
0
25
50
75
100
T A
nA
I CEO
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com