Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4282 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 4282
Description  Adafruit PiRTC - Precise DS3231 Real Time Clock for Raspberry Pi
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4282 Datasheet(HTML) 2 Page - Adafruit Industries

  4282 Datasheet HTML 1Page - Adafruit Industries 4282 Datasheet HTML 2Page - Adafruit Industries 4282 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The datasheet for the DS3231 explains that this part is an "Extremely Accurate
I²C-Integrated RTC/TCXO/Crystal". And, hey, it does exactly what it says on the
tin! This Real Time Clock (RTC) is the most precise you can get in a small, low
power package.
Most RTCs use an external 32kHz timing crystal that is used to keep time with
low current draw. And that's all well and good, but those crystals have slight
drift, particularly when the temperature changes (the temperature changes the
oscillation frequency very very very slightly but it does add up!) This RTC is in a
beefy package because the crystal is inside the chip! And right next to the
integrated crystal is a temperature sensor. That sensor compensates for the
frequency changes by adding or removing clock ticks so that the timekeeping
stays on schedule.
Many "cheap" DS3231 RTC boards do not use genuine Maxim DS3231's - you'll
get a non-calibrated RTC which does not maintain the timekeeping quality that
is specified! We purchase these DS3231's from Maxim direct so we know they
are 100% genuine.
Works perfectly with any Raspberry Pi (or similar single board linux
computer) including the Pi 1, Pi 2, Pi 3, Pi 4, Pi Zero, A+, B+ etc.
Fully assembled & tested PCB plugs directly into your Pi's GPIO pins - No
soldering required!
Will keep time for 5 years or more
Note: This product does not come with a CR1220 coin cell battery. We
recommend you purchase a coin cell battery to use with this product.
 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com