Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRW5SN Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LRW5SN
Description  Platinum DRAGON Enhanced thin film LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRW5SN Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LRW5SN Datasheet HTML 5Page - OSRAM GmbH LRW5SN Datasheet HTML 6Page - OSRAM GmbH LRW5SN Datasheet HTML 7Page - OSRAM GmbH LRW5SN Datasheet HTML 8Page - OSRAM GmbH LRW5SN Datasheet HTML 9Page - OSRAM GmbH LRW5SN Datasheet HTML 10Page - OSRAM GmbH LRW5SN Datasheet HTML 11Page - OSRAM GmbH LRW5SN Datasheet HTML 12Page - OSRAM GmbH LRW5SN Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Vorläufige Daten / Preliminary Data
LR W5SN, LA W5SN, LY W5SN
2007-08-16
9
Dominante Wellenlänge
2) Seite 16
Dominant Wavelength
2) page 16
LR
,
λ
dom = f (Tj); IF = 700 mA
Dominante Wellenlänge
2) Seite 16
Dominant Wavelength
2) page 16
LY
,
λ
dom = f (Tj); IF = 700 mA
Dominante Wellenlänge
2) Seite 16
Dominant Wavelength
2) page 16
LA
,
λ
dom = f (Tj); IF = 700 mA
OHL02680
618
dom
λ
-60
˚C
nm
-40 -20
0
20 40 60
100
620
622
624
626
628
630
j
T
OHL02879
584
-60
˚C
nm
-40 -20
0
20 40 60
100
586
588
590
592
594
596
598
λ
dom
j
T
OHL02679
610
dom
λ
-60
˚C
nm
-40 -20
0
20 40 60
100
612
614
616
618
620
622
j
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com