Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOP476 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LOP476
Description  Hyper PointLED Hyper-Bright LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LOP476 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LOP476 Datasheet HTML 2Page - OSRAM GmbH LOP476 Datasheet HTML 3Page - OSRAM GmbH LOP476 Datasheet HTML 4Page - OSRAM GmbH LOP476 Datasheet HTML 5Page - OSRAM GmbH LOP476 Datasheet HTML 6Page - OSRAM GmbH LOP476 Datasheet HTML 7Page - OSRAM GmbH LOP476 Datasheet HTML 8Page - OSRAM GmbH LOP476 Datasheet HTML 9Page - OSRAM GmbH LOP476 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
2007-08-07
6
LO P476, LY P476
Relative spektrale Emission
2) Seite 17
Relative Spectral Emission
2) page 17
V(
λ) = spektrale Augenempfindlichkeit / Standard eye response curve
I
rel = f (λ); TA = 25 °C; IF = 20 mA
Abstrahlcharakteristik
2) Seite 17
Radiation Characteristic
2) page 17
I
rel = f (ϕ); TA = 25 °C
400
0
20
40
450
550
500
rel
I
60
80
%
100
700
600
nm
650
λ
OHL03531
λ
V
orange
yellow
0
0.2
0.4
1.0
0.8
0.6
ϕ
1.0
0.8
0.6
0.4
0˚
10˚
20˚
40˚
30˚
OHL01660
50˚
60˚
70˚
80˚
90˚
100˚
0˚
20˚
40˚
60˚
80˚
100˚
120˚



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com