Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPX89 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # BPX89
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BPX89 Datasheet(HTML) 4 Page - OSRAM GmbH

  BPX89 Datasheet HTML 1Page - OSRAM GmbH BPX89 Datasheet HTML 2Page - OSRAM GmbH BPX89 Datasheet HTML 3Page - OSRAM GmbH BPX89 Datasheet HTML 4Page - OSRAM GmbH BPX89 Datasheet HTML 5Page - OSRAM GmbH BPX89 Datasheet HTML 6Page - OSRAM GmbH BPX89 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2007-04-04
4
BPX 80, BPX 82
… 89
Die gelieferten Bauelemente sind mit -A, -B, -C gekennzeichnet. Wegen Ausbeuteschwankungen ist jedoch die
Bestellung einer definierten Gruppe -A, -B, -C nicht möglich.
For delivery the components are marked -A, -B, -C. Due to differing yields, it is not possible to order a definite group.
Die Fototransistoren werden nach ihrer Fotoempfindlichkeit gruppiert und mit Buchstaben
gekennzeichnet.
The phototransistors are grouped according to their spectral sensitivity and distinguished by
alphabetic characters.
Bezeichnung
Parameter
Symbol
Symbol
Werte
Value
Einheit
Unit
-A
-B
-C
Fotostrom
Photocurrent
E
e= 0.5 mW/cm
2,
λ = 950 nm, V
CE = 5 V
E
v = 1000 Ix, Normlicht/standard light A,
V
CE = 5 V
I
PCE
I
PCE
0.32
…0.63
1.5
0.40
…0.80
1.9
≥ 0.50
2.3
mA
mA
Anstiegszeit/Abfallzeit
Rise and fall time
I
C = 1 mA, VCC = 5 V, RL = 1 kΩ
t
r, tf
5.5
6
8
μs
Kollektor-Emitter-Sättigungsspannung
Collector-emitter saturation voltage
I
C = IPCEmin
1)
× 0.3,
E
e= 0.5 mW/cm
2,
λ = 950 nm
V
CEsat
150
150
150
mV
1)
I
PCEmin ist der minimale Fotostrom der jeweiligen Gruppe.
1)
I
PCEmin is the min. photocurrent of the specified group.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com