Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOP476-R2T1-24 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LOP476-R2T1-24
Description  Hyper PointLED Hyper-Bright LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LOP476-R2T1-24 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LOP476-R2T1-24 Datasheet HTML 5Page - OSRAM GmbH LOP476-R2T1-24 Datasheet HTML 6Page - OSRAM GmbH LOP476-R2T1-24 Datasheet HTML 7Page - OSRAM GmbH LOP476-R2T1-24 Datasheet HTML 8Page - OSRAM GmbH LOP476-R2T1-24 Datasheet HTML 9Page - OSRAM GmbH LOP476-R2T1-24 Datasheet HTML 10Page - OSRAM GmbH LOP476-R2T1-24 Datasheet HTML 11Page - OSRAM GmbH LOP476-R2T1-24 Datasheet HTML 12Page - OSRAM GmbH LOP476-R2T1-24 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
LO P476, LY P476
2007-08-07
9
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A = 25 °C, orange
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A = 85 °C, orange
10
10
0
-2
-3
-4
-5
10
10
10
F
I
A
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHL03407
T
t
P
IF
0.02
0.5
0.2
0.05
0.1
D =
0.005
0.01
1
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.55
10
10
0
-2
-3
-4
-5
10
10
10
F
I
A
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHL03407
T
t
P
IF
0.02
0.5
0.2
0.05
0.1
D =
0.005
0.01
1
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com