Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLE01N94G2 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SPLE01N94G2
Description  Aktiv gekuhlter Diodenlaser-Barren, 60 W cw bei 940nm
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLE01N94G2 Datasheet(HTML) 2 Page - OSRAM GmbH

  SPLE01N94G2 Datasheet HTML 1Page - OSRAM GmbH SPLE01N94G2 Datasheet HTML 2Page - OSRAM GmbH SPLE01N94G2 Datasheet HTML 3Page - OSRAM GmbH SPLE01N94G2 Datasheet HTML 4Page - OSRAM GmbH SPLE01N94G2 Datasheet HTML 5Page - OSRAM GmbH SPLE01N94G2 Datasheet HTML 6Page - OSRAM GmbH SPLE01N94G2 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2007-08-27
2
SPL E01N94G2
Grenzwerte
Maximum Ratings
Typ
Type
Anzahl Barren
Bar count
Wellenlänge
Wavelength
Bestellnummer
Ordering Code
SPL E01N94G2
1
940 nm
Q65110A6234
Parameter
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
min.
max.
Ausgangsleistung
Optical output power
P
max
–
60
W
Tastverhältnis
Duty cycle
dc
–
100
%
Kühlwassertemperatur
1)
Coolant temperature
1)
1)
Betauung des Moduls muss ausgeschlossen werden
Prevent moisture on the module.
T
op
5
40
°C
Kühlwasserdruck
Coolant pressure
p
max
–
4
bar



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com