Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLE01N98G2 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SPLE01N98G2
Description  Aktiv gekulter Diodenlaser-Barren, 60 W cw bei 975 nm
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLE01N98G2 Datasheet(HTML) 6 Page - OSRAM GmbH

  SPLE01N98G2 Datasheet HTML 1Page - OSRAM GmbH SPLE01N98G2 Datasheet HTML 2Page - OSRAM GmbH SPLE01N98G2 Datasheet HTML 3Page - OSRAM GmbH SPLE01N98G2 Datasheet HTML 4Page - OSRAM GmbH SPLE01N98G2 Datasheet HTML 5Page - OSRAM GmbH SPLE01N98G2 Datasheet HTML 6Page - OSRAM GmbH SPLE01N98G2 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SPL E01N98G2
2007-07-18
6
Maßzeichnung
Package Outlines
Maße in mm (Zoll) / Dimensions in mm (inch).
Allgemeintoleranz / General Tolerance: +/- 0.14 mm (0.005 inch)
GDOY7041
-
+
n-contact
M3 (0.118) x 4 (0.157)
42 (1.654)
M3 (0.118) x 4 (0.157)
p-contact
10.8 (0.425)
12.1 (0.476)
20.7 (0.815)
36 (1.417)
4 (0.157)
2 (0.079)
2 x
M3 (0.118) x 4 (0.157)
5 x 1 (0.039)
2 x
O-Ring



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com