Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLE03N81S9 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SPLE03N81S9
Description  Aktiv gekulter Diodenlaser-Barren, 450 W qcw bei 808 nm
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLE03N81S9 Datasheet(HTML) 3 Page - OSRAM GmbH

  SPLE03N81S9 Datasheet HTML 1Page - OSRAM GmbH SPLE03N81S9 Datasheet HTML 2Page - OSRAM GmbH SPLE03N81S9 Datasheet HTML 3Page - OSRAM GmbH SPLE03N81S9 Datasheet HTML 4Page - OSRAM GmbH SPLE03N81S9 Datasheet HTML 5Page - OSRAM GmbH SPLE03N81S9 Datasheet HTML 6Page - OSRAM GmbH SPLE03N81S9 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SPL E03N81S9
2007-07-18
3
Dioden-Kennwerte (25
°C Kühlwassertemperatur)
Diode Characteristics (25
°C coolant temperature)
Parameter
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
min.
typ.
max.
Optische Ausgangsleistung
1)
Optical output power
1)
P
opt
–
450
–
W
Optische Ausgangsleistung pro Laserbarren
1)
Optical Output power per bar
1)
P
bar
–
150
–
Emissonswellenlänge
1) 2)
Emission wavelength
1) 2)
λ
805
808
811
nm
Spektrale Breite (Halbwertsbreite)
1)
Spectral width (FWHM)
1)
Δλ
–
3
5
nm
Schwellstrom
Threshold current
I
th
–
17
21
A
Kennliniensteigung
Slope efficiency
ΔP/ΔΙ
3.0
3.3
3.6
W/A
Kennliniensteigung pro Laserbarren
Slope efficiency per bar
ΔP/ΔΙ
1.0
1.1
1.2
Betriebsstrom
1)
Operating current
1)
I
op
–
153
170
A
Betriebsspannung
1) 3)
Operating voltage
1) 3)
V
op
5.1
5.4
6.0
V
Konversionseffizienz (elektrisch zu optisch)
1)
Conversion efficiency (electrical to optical)
1)
η
con
48
52
–
%
Temperaturkoeffizient der Wellenlänge
1) 2)
Temperature coefficient of wavelength
1) 2)
Δλ/ΔT
–
0.25
0.31
nm/K
Strahldivergenz senkrecht (Vollwinkel,1/e
2)
Beam divergence fast axis (full angle,1/e
2)
θ⊥
–
65
70
deg
Strahldivergenz parallel (Vollwinkel,1/e
2)
Beam divergence slow axis (full angle,1/e
2)
θ||
–
8
10
deg
TE Polarisation
TE Polarization
P
TE
90
–
–
%
Thermischer Widerstand
(pn-Übergang - Kühlwasser)
Thermal resistance (junction to coolant)
R
th
–
0.3
–
K/W
Abstand der Laserbarren
Bar-to-bar distance
–
1.6
–



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com