Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLE10N94G2 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SPLE10N94G2
Description  Actively Cooled Diode Laser Bar, 600 W cw at 940 nm
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLE10N94G2 Datasheet(HTML) 2 Page - OSRAM GmbH

  SPLE10N94G2 Datasheet HTML 1Page - OSRAM GmbH SPLE10N94G2 Datasheet HTML 2Page - OSRAM GmbH SPLE10N94G2 Datasheet HTML 3Page - OSRAM GmbH SPLE10N94G2 Datasheet HTML 4Page - OSRAM GmbH SPLE10N94G2 Datasheet HTML 5Page - OSRAM GmbH SPLE10N94G2 Datasheet HTML 6Page - OSRAM GmbH SPLE10N94G2 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2007-07-18
2
SPL E10N94G2
Grenzwerte
Maximum Ratings
Typ
Type
Anzahl Barren
Bar count
Wellenlänge
Wavelength
Bestellnummer
Ordering Code
SPL E10N94G2
10
940 nm
Q65110A4150
Parameter
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
min.
max.
Ausgangsleistung
Optical output power
P
max
600
W
Tastverhältnis
Duty cycle
dc
100
%
Kühlwassertemperatur
1)
Coolant temperature
1)
1)
Betauung des Moduls muss ausgeschlossen werden
Prevent moisture on the module.
T
op
5
40
°C
Kühlwasserdruck
Coolant pressure
p
max
4
bar



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com