Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLE20N81G2 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SPLE20N81G2
Description  Actively Cooled Diode Laser Bar, 1200 W cw at 808 nm
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLE20N81G2 Datasheet(HTML) 2 Page - OSRAM GmbH

  SPLE20N81G2 Datasheet HTML 1Page - OSRAM GmbH SPLE20N81G2 Datasheet HTML 2Page - OSRAM GmbH SPLE20N81G2 Datasheet HTML 3Page - OSRAM GmbH SPLE20N81G2 Datasheet HTML 4Page - OSRAM GmbH SPLE20N81G2 Datasheet HTML 5Page - OSRAM GmbH SPLE20N81G2 Datasheet HTML 6Page - OSRAM GmbH SPLE20N81G2 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2007-07-18
2
SPL E20N81G2
Grenzwerte
Maximum Ratings
Typ
Type
Anzahl Barren
Bar count
Wellenlänge
Wavelength
Bestellnummer
Ordering Code
SPL E20N81G2
20
808 nm
Q65110A6232
Parameter
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
min.
max.
Ausgangsleistung
Optical output power
P
max
–
1200
W
Tastverhältnis
Duty cycle
dc
–
100
%
Kühlwassertemperatur
1)
Coolant temperature
1)
1)
Betauung des Moduls muss ausgeschlossen werden
Prevent moisture on the module.
T
op
5
40
°C
Kühlwasserdruck
Coolant pressure
p
max
–
4
bar



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com