Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLMN91G2 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SPLMN91G2
Description  Passively Cooled Diode Laser Bar, 50 W cw at 915 nm
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLMN91G2 Datasheet(HTML) 2 Page - OSRAM GmbH

  SPLMN91G2 Datasheet HTML 1Page - OSRAM GmbH SPLMN91G2 Datasheet HTML 2Page - OSRAM GmbH SPLMN91G2 Datasheet HTML 3Page - OSRAM GmbH SPLMN91G2 Datasheet HTML 4Page - OSRAM GmbH SPLMN91G2 Datasheet HTML 5Page - OSRAM GmbH SPLMN91G2 Datasheet HTML 6Page - OSRAM GmbH SPLMN91G2 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2007-07-18
2
SPL MN91G2
Grenzwerte
Maximum Ratings
Parameter
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
min.
max.
Ausgangsleistung
Optical output power
P
max
55
W
Tastverhältnis
Duty cycle
dc
100
%
Wärmesenkentemperatur
1)
Mount temperature
1)
1)
Betauung des Moduls muss ausgeschlossen werden.
Prevent moisture on the module.
T
op
5
40
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com