Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLT2H-LP316 Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # MLT2H-LP316
Description  Pan-Steel ® Battery Powered Installation Tool
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

MLT2H-LP316 Datasheet(HTML) 2 Page - PANDUIT CORP.

  MLT2H-LP316 Datasheet HTML 1Page - PANDUIT CORP. MLT2H-LP316 Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WORLDWIDE SUBSIDIARIES AND SALES OFFICES
For a copy of
PANDUIT product warranties, log on to www.panduit.com/warranty
© 2009 Panduit Corp.
ALL RIGHTS RESERVED.
Printed in the U.S.A.
Product Bulletin Number SA-SSCB22
11/2009
Pan-Steel ® Battery Powered Installation Tool
Ordering Information
PANDUIT EUROPE LTD.
London, UK
cs-emea@panduit.com
Phone: 44.20.8601.7200
PANDUIT JAPAN
Tokyo, Japan
cs-japan@panduit.com
Phone: 81.3.6863.6000
PANDUIT SINGAPORE PTE. LTD.
Republic of Singapore
cs-ap@panduit.com
Phone: 65.6305.7575
PANDUIT AUSTRALIA PTY. LTD.
Victoria, Australia
cs-aus@panduit.com
Phone: 61.3.9794.9020
PANDUIT LATIN AMERICA
Jalisco, Mexico
cs-la@panduit.com
Phone: 52.33.3777.6000
Contact Customer Service by email: cs@panduit.com
or by phone: 800-777-3300 and reference SSCB22
Visit us at www.panduit.com
For more information
PANDUIT CANADA
Markham, Ontario
cs-cdn@panduit.com
Phone: 800.777.3300
±Available in 304 Stainless Steel for general purpose applications.
*Other lengths available, contact Customer Service.
**Tested per SAE Standard AS23190/3 (formerly MIL).
^Order number of pieces required in multiples of Standard Package Quantity.
Part Number
Description
Std.
Pkg.
Qty.^
PBTMT
Battery powered installation tool, for use with Pan-Steel ® Heavy, Extra-Heavy, and Super-Heavy Cross
Section MLT Style Ties, and MLTD double wrapped style ties, 2 – 12 volt Lithium-Ion batteries, and 115 volt,
60 Hz charger included.
1
PBTMT/E
Battery powered installation tool, for use with Pan-Steel ® Heavy, Extra-Heavy, and Super-Heavy Cross
Section MLT Style Ties, and MLTD double wrapped style ties, 2 – 12 volt Lithium-ion batteries, and 220 volt,
50 Hz charger included.
1
Pan-Steel ® Stainless Steel Cable T ies
• Self-locking head design speeds installation and locks
into place at any length along the tie body
• Double wrapped cable ties pass through the head two
times for additional strength
• Smooth surfaces and rounded edges assures cable
protection and worker safety
• Can be used in a wide range of indoor, outdoor, and
underground (including direct burial) applications
• Super-heavy double wrapped tested for short circuit
applications up to 71.5 kA
Part Number
Max. Bundle
Diameter
Length*
Min. Loop Tensile
Strength**
Min. Bundle
Diameter
Width
Thickness
Std.
Pkg.
Qty.^
Std.
Ctn.
Qty.
In.
mm
In.
mm
Lbs.
N
In.
mm
In.
mm
In.
mm
±AISI 316 Stainless Steel – For Superior Corrosion Resistance
Heavy Cross-Section – For Heavy Ties, Tool Decreases Max. Bundle Diameter by 1 Inch
MLT2H-LP316
2.0
51
7.9
201
450
2000
.50
12.7
.31
7.9
.010
.25
50
250
MLT4H-LP316
4.0
102
14.3
362
50
250
MLT6H-LP316
6.0
152
20.5
521
50
250
Extra-Heavy Cross Section
MLT4EH-LP316
4.0
102
17.1
434
600
2670
1.00
25.4
.50
12.7
.010
.25
50
250
MLT6EH-LP316
6.0
152
23.4
594
50
250
MLT8EH-LP316
8.0
203
29.7
754
50
250
Super-Heavy Cross Section
MLT4SH-LP316
4.0
102
17.1
434
900
4005
1.00
25.4
.63
16.0
.015
.38
50
250
MLT6SH-LP316
6.0
152
23.4
594
50
250
MLT8SH-LP316
8.0
203
29.7
754
50
250
Double Wrapped – For Additional Strength
Extra-Heavy Cross Section
MLT4DEH-Q316
4.0
102
29.5
749
800
3560
1.00
25.4
.50
12.7
.010
.25
25
125
MLT6DEH-Q316
6.0
152
41.5
1054
25
125
MLT8DEH-Q316
8.0
203
53.5
1359
25
125
Super-Heavy Cross Section
MLT4DSH-Q316
4.0
102
29.5
749
1200
5340
1.00
25.4
.63
16.0
.015
.38
25
125
MLT6DSH-Q316
6.0
152
41.5
1054
25
125
MLT8DSH-Q316
8.0
203
53.5
1359
25
125



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com