Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C122F1G Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # C122F1G
Description  isc Thyristors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

C122F1G Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  C122F1G Datasheet HTML 1Page - Inchange Semiconductor Company Limited C122F1G Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc Thyristors
C122F1G
www.iscsemi.com
1
FEATURES
·
Small, Rugged, ThermowattConstruction for Low
ThermalResistance, High HeatDissipation and Durability
·
Blocking Voltage to 50 Volts
APPLICATIONS
· Switching applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MAX
UNIT
VDRM
Repetitive peak off-state voltage
50
V
VRRM
Repetitive peak reverse voltage
50
V
IT(RSM)
RSM on-state current
180°Conduction Angles; TC = 75℃
8
A
ITSM
Surge non-repetitive on-state current
1/2 Cycle, Sine Wave, 60 Hz, TC = 75°C
90
A
I2t
Circuit Fusing Consideration (t = 8.3 ms)
34
A2S
PG(AV)
Average gate power dissipation
t = 8.3 ms, TC = 70°C
0.5
W
Tj
Operating junction temperature
-40~125
℃
Tstg
Storage temperature
-40~150
℃
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
IRRM
Repetitive peak reverse current
VR=VRRM Rated;
VD=VDRM Rated;
Tj=25℃
Tj=125℃
--
10
0.5
μ
A
mA
IDRM
Repetitive peak off-state current
VTM
On-state voltage
IT=16A;
--
1.83
V
IGT
Gate-trigger current
VD =12V;RL=100Ω;
--
25
mA
VGT
Gate-trigger voltage
VD =12V;RL=100Ω;
--
1.5
V
Rth( j-c)
Junction to case
--
1.8
℃
/W


Similar Part No. - C122F1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
C122F1G ONSEMI-C122F1G Datasheet
59Kb / 4P
Silicon Controlled Rectifiers Reverse Blocking Thyristors
August, 2005 ??Rev. 3
More results

Similar Description - C122F1G

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC126D ISC-TIC126D Datasheet
99Kb / 1P
isc Thyristors
2P4M-D ISC-2P4M-D Datasheet
265Kb / 2P
isc Thyristors
BTA208S-600D ISC-BTA208S-600D Datasheet
222Kb / 1P
isc Thyristors
2N6348 ISC-2N6348 Datasheet
202Kb / 2P
isc Thyristors
MCR310-10G ISC-MCR310-10G Datasheet
171Kb / 1P
isc Thyristors
T1610-800G-TR ISC-T1610-800G-TR Datasheet
172Kb / 1P
isc Thyristors
BCR8PM-12LG ISC-BCR8PM-12LG Datasheet
172Kb / 1P
isc Thyristors
BCR12PM-12LG ISC-BCR12PM-12LG Datasheet
171Kb / 1P
isc Thyristors
BT150SK-600R ISC-BT150SK-600R_V01 Datasheet
297Kb / 2P
isc Thyristors
16TTS12 ISC-16TTS12 Datasheet
222Kb / 2P
isc Thyristors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com