Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLP1-100-F. Datasheet(PDF) 1 Page - Bivar, Inc.

Part # PLP1-100-F.
Description  PRESS-FIT, PANEL MOUNT, LIGHT PIPE, FLAT TOP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.

PLP1-100-F. Datasheet(HTML) 1 Page - Bivar, Inc.

  PLP1-100-F. Datasheet HTML 1Page - Bivar, Inc. PLP1-100-F. Datasheet HTML 2Page - Bivar, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4 THOMAS, IRVINE, CA. 92618
®
TEL: (949) 951-8808
FAX: (949) 951-3974
TITLE:
( UNLESS OTHERWISE SPECIFIED )
DECIMALS
ANGULAR
STANDARD TOLERANCE
.X
± .1
.XX
± .01
.XXX
± .005
X°
± 1°
DESIGNED:
DATE:
CHECKED:
DATE:
PART NO:
CAGE CODE : 32559
REVISION:
R
SHEET #
OF
PLP1-XXX-F
CAD GENERATED DOCUMENT, DO NOT MEASURE DRAWING.
1
Michael Chen
01/16/02
E. M. Muldoon
04/26/02
REV.
DATE
APPROVED
DESCRIPTION
2
PRESS-FIT, PANEL MOUNT,
0.500 ( 12.7mm )
0.375 ( 9.5mm )
0.350 ( 8.9mm )
0.250 ( 6.4mm )
0.125 ( 3.2mm )
PLP1-125-F
PLP1-500-F
PLP1-350-F
PLP1-375-F
PLP1-250-F
Part No.
X = Body Length
2. MATERIAL: POLYCARBONATE, 94V-0, CLEAR.
1. GENERAL SPECIFICATIONS: BIVAR MOLDED COMPONENT SPECIFICATION BV00-E101
and BSMC-1001.
LIGHT PIPE, FLAT TOP
0.100 ( 2.5mm )
PLP1-100-F
L
Updated General Specifications Note 1.
10/01/12
T. Y.
R
Added Color Options, Sheet #2.
02/02/16
J. C.
M
Added Panel Thickness.
05/01/15
J. C.
0.188 ( 4.8mm )
PLP1-188-F
0.313 ( 7.9mm )
PLP1-313-F
N
Added .188" and .313" Lengths To Offering List.
05/27/15
J. C.
P
Added Metric Lengths To Offering List.
07/15/15
J. C.
0.625 ( 15.9mm )
PLP1-625-F
0.750 ( 19.0mm )
PLP1-750-F
0.830 ( 21.1mm )
PLP1-830-F
3mm ( 0.118" )
PLP1-3MM-F
5mm ( 0.197" )
PLP1-5MM-F
6mm ( 0.236" )
PLP1-6MM-F
7mm ( 0.276" )
PLP1-7MM-F
8mm ( 0.315" )
PLP1-8MM-F
9mm ( 0.354" )
PLP1-9MM-F
10mm ( 0.394" )
PLP1-10MM-F
Recommended Mounting Hole
Panel Thickness: 0.047"- 0.093"
Ø0.121
+.003
-.002
4mm ( 0.157" )
PLP1-4MM-F
Ø0.112 [Ø2.8mm]
X
0.050 [1.3mm]
Ø0.118 [Ø3.0mm]
LIGHT PIPE
Ø0.123 [Ø3.1mm]
REF.
Ø0.150 [Ø3.8mm]
FLANGE
0.090 [2.3mm]


Similar Part No. - PLP1-100-F.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLP1-100-F ETC2-PLP1-100-F Datasheet
165Kb / 1P
PRESS-FIT, PANEL MOUNT, LIGHT PIPE, FLAT TOP
More results

Similar Description - PLP1-100-F.

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
515-1040 DIALIGHT-515-1040 Datasheet
19Kb / 1P
Optical Light Pipe, 4 Array, Panel Mounted
logo
Kingbright Corporation
KL-07LS KINGBRIGHT-KL-07LS Datasheet
41Kb / 1P
LIGHT PIPE
KL-02 KINGBRIGHT-KL-02 Datasheet
36Kb / 1P
LIGHT PIPE
logo
Dialight Corporation
515-1027 DIALIGHT-515-1027 Datasheet
408Kb / 1P
1.1mm Round Optopipe짰 Optical Light Pipe, Panel Mount
C-17664 DIALIGHT-C-17664 Datasheet
61Kb / 1P
.064 STRAIGHT LIGHT PIPE W/PRESS-FIT; RoHS COMPLIANT
C-17856 DIALIGHT-C-17856 Datasheet
83Kb / 1P
2.5mm X 5mm RECTANGULAR PANEL MOUNT LIGHT PIPE
C-17858 DIALIGHT-C-17858 Datasheet
85Kb / 1P
SINGLE ELEMENT PANEL MOUNT LIGHT PIPE
logo
List of Unclassifed Man...
PM4-F2031-XX ETC1-PM4-F2031-XX Datasheet
119Kb / 1P
4MM FLAT LENS FLEXIBLE LIGHT PIPE FLPS2031 INDICATORS
logo
Visual Communications C...
LPCM VCC-LPCM Datasheet
1Mb / 1P
Low Profi le, Panel Flush Light Pipe
logo
List of Unclassifed Man...
PLP1-250-F ETC2-PLP1-250-F Datasheet
165Kb / 1P
PRESS-FIT, PANEL MOUNT, LIGHT PIPE, FLAT TOP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com