Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5HT Datasheet(PDF) 4 Page - Bivar, Inc.

Part # PM5HT
Description  STD PANEL MOUNT INDICATORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.

PM5HT Datasheet(HTML) 4 Page - Bivar, Inc.

  PM5HT Datasheet HTML 1Page - Bivar, Inc. PM5HT Datasheet HTML 2Page - Bivar, Inc. PM5HT Datasheet HTML 3Page - Bivar, Inc. PM5HT Datasheet HTML 4Page - Bivar, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Max. Rating
If
(m A)
Iv
(m cd)
MAX
TYP
MAX
TYP
PM5BWDL
430
BLUE
DIFFUSED
7
3.8
4.2
4
45
5BWDL
PM5PGDL
555
PURE GREEN
DIFFUSED
7
2.1
2.6
1
45
5PGDL
PM5GDL
568
GREEN
DIFFUSED
7
2.1
2.6
5
45
5GDL
PM5YDL
590
YELLOW
DIFFUSED
7
2.0
2.6
4
45
5YDL
PM5ADL
605
AMBER
DIFFUSED
7
2.0
2.6
4
45
5ADL
PM5HDL
625
HE RED
DIFFUSED
7
2.0
2.6
5
45
5HDL
PM5SRDL
645
SUPER RED
DIFFUSED
7
1.7
2.3
6
45
5SRDL
LED P/N
Vf
(V)
LED Assy. No.
Peak Wave
Length
λp(nm )
Em itted
Color
Lens
Appearance
View ing
Angle
2
½
(Deg)
Electro-Optical Data @ 2m A
lf
(mA)
lv
(mcd)
MAX
TYP
MAX
TYP
PM5BWD5V
430
BLUE
DIFFUSED
‐‐
515
40
5BWD5V
PM5GC5V
568
GREEN
WATER  CLEAR
‐‐
540
40
5GC5V
PM5GD5V
568
GREEN
DIFFUSED
‐‐
525
40
5GD5V
PM5GT5V
568
GREEN
TINTED
‐‐
540
40
5GT5V
PM5AD5V
605
AMBER
DIFFUSED
‐‐
525
40
5AD5V
PM5HD5V
625
HE RED
DIFFUSED
‐‐
530
40
5HD5V
PM5RD5V
700
RED
DIFFUSED
5
1.5
40
5RD5V
PM5YD5V
590
YELLOW
DIFFUSED
‐‐
525
40
5YD5V
PM5GC12V
568
GREEN
WATER  CLEAR
‐‐
12
40
35
5GC12V
PM5GD12V
568
GREEN
DIFFUSED
‐‐
12
25
40
5GD12V
PM5HC12V
625
HE RED
WATER  CLEAR
‐‐
12
50
35
5HC12V
PM5HD12V
625
HE RED
DIFFUSED
‐‐
12
30
40
5HD12V
PM5RC12V
700
RED
WATER  CLEAR
‐‐
12
2
35
5RC12V
PM5RD12V
700
RED
DIFFUSED
‐‐
12
1.5
40
5RD12V
PM5YC12V
590
YELLOW
WATER  CLEAR
‐‐
12
25
35
5YC12V
PM5YD12V
590
YELLOW
DIFFUSED
‐‐
12
20
40
5YD12V
12 Volt
Data @ 12V
Viewing
Angle
2 θ 1/2
(Deg)
LED P/N
Vf
(V)
5 Volt
Data @ 5V
Assembly P/N
Peak Wave
Length
λp(nm)
Emitted Color
Lens
Appearance 
Electro‐Optical Data



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com