Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VGI3 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM32L4R5VGI3
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VGI3 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM32L4R5VGI3 Datasheet HTML 11Page - STMicroelectronics STM32L4R5VGI3 Datasheet HTML 12Page - STMicroelectronics STM32L4R5VGI3 Datasheet HTML 13Page - STMicroelectronics STM32L4R5VGI3 Datasheet HTML 14Page - STMicroelectronics STM32L4R5VGI3 Datasheet HTML 15Page - STMicroelectronics STM32L4R5VGI3 Datasheet HTML 16Page - STMicroelectronics STM32L4R5VGI3 Datasheet HTML 17Page - STMicroelectronics STM32L4R5VGI3 Datasheet HTML 18Page - STMicroelectronics STM32L4R5VGI3 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 306 page
background image
DocID030321 Rev 3
15/306
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
Description
64
Table 2. STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
features and peripheral counts
Peripheral
R5VI
R5VG
R7VI
R9VI
R9VG
R5QI
R5QG
R5ZI
R5ZG
R7ZI
R9ZI
R9ZG
R5AI
R5AG
R7AI
R9AI
R9AG
Flash memory
1 Mbyte for xxxG devices
2 Mbyte for xxxI devices
SRAM
System
640 (192 + 64 + 384) Kbyte
Backup
128 byte
External memory
controller for static
memories (FSMC)
Yes(1)
Yes
OctoSPI
2
Timers
Advanced
control
2 (16-bit)
General
purpose
5 (16-bit)
2 (32-bit)
Basic
2 (16-bit)
Low-power
2 (16-bit)
SysTick timer
1
Watchdog
timers
(independent,
window)
2
Comm
.
interfa
ces
SPI
3
I2C4
USART/UART
UART
LPUART
3
2
1
SAI
2
CAN
1
USB OTG FS
Yes
SDMMC
Yes
Digital filters for sigma-
delta modulators
Yes
(4 filters)
Number of channels
8
RTC
Yes
Tamper pins
3
Camera interface
Yes
Chrom-ART
Accelerator™
Yes
Chrom-GRC™
No
Yes
No
Yes
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com