Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLMY81S9 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SPLMY81S9
Description  Passively Cooled Diode Laser Bar, 140 W cw at 808 nm
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLMY81S9 Datasheet(HTML) 5 Page - OSRAM GmbH

  SPLMY81S9 Datasheet HTML 1Page - OSRAM GmbH SPLMY81S9 Datasheet HTML 2Page - OSRAM GmbH SPLMY81S9 Datasheet HTML 3Page - OSRAM GmbH SPLMY81S9 Datasheet HTML 4Page - OSRAM GmbH SPLMY81S9 Datasheet HTML 5Page - OSRAM GmbH SPLMY81S9 Datasheet HTML 6Page - OSRAM GmbH SPLMY81S9 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SPL MY81S9
2007-07-18
5
Optische Kennwerte (qcw, 25 °C Wärmesenkentemperatur)
Optical Characteristics (qcw, 25°C mount temperature)
Optical power P
opt vs. current I
Optical Spectrum @ 140 W
0A
W
OHW03425
I
Popt
0
28
56
84
112
140
168
30
60
90
120 150
180
780
0
nm
%
OHW03959
Irel
λ
790
800
810
830
20
40
60
80
100
120



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com