Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLMY81X2 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SPLMY81X2
Description  Passively Cooled Diode Laser Bar, 35 W cw at 808 nm
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLMY81X2 Datasheet(HTML) 3 Page - OSRAM GmbH

  SPLMY81X2 Datasheet HTML 1Page - OSRAM GmbH SPLMY81X2 Datasheet HTML 2Page - OSRAM GmbH SPLMY81X2 Datasheet HTML 3Page - OSRAM GmbH SPLMY81X2 Datasheet HTML 4Page - OSRAM GmbH SPLMY81X2 Datasheet HTML 5Page - OSRAM GmbH SPLMY81X2 Datasheet HTML 6Page - OSRAM GmbH SPLMY81X2 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SPL MY81X2
2007-07-18
3
Dioden-Kennwerte (25 °C Wärmesenkentemperatur)
Diode Characteristics (25
°C mount temperature)
Parameter
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
min.
typ.
max.
Optische Ausgangsleistung
1)
Optical output power
1)
P
opt
–
35
40
W
Emissonswellenlänge
1) 2)
Emission wavelength
1) 2)
λ
805
808
811
nm
Spektrale Breite (Halbwertsbreite)
1)
Spectral width (FWHM)
1)
Δλ
–
3
5
nm
Schwellstrom
Threshold current
I
th
–
9
12
A
Kennliniensteigung
Slope efficiency
ΔP/ΔΙ
–
1.04
–
W/A
Betriebsstrom
Operating current
1)
I
op
–
44
–
A
Betriebsspannung
Operating voltage
1) 3)
V
op
–
1.8
–
V
Konversionseffizienz (elektrisch zu optisch)
1)
Conversion efficiency (electrical to optical)
1)
η
con
40
43
–
%
Temperaturkoeffizient der Wellenlänge
1) 2)
Temperature coefficient of wavelength
1) 2)
Δλ/ΔT
–
0.28
–
nm/K
Strahldivergenz senkrecht (Vollwinkel,1/e
2)
Beam divergence fast axis (full angle,1/e
2)
θ⊥
–
1
–
deg
Strahldivergenz parallel (Vollwinkel,1/e
2)
Beam divergence slow axis (full angle,1/e
2)
θ||
–
8
–
deg
TE Polarisation
TE Polarization
P
TE
90
–
–
%
Thermischer Widerstand
(pn-Übergang - Wärmesenke)
Thermal resistance (junction to mount)
R
th
–
0.5
–
K/W
Strahlabmessungen am optischen Austritt
Beam dimensions at optical output
h x w
–
0.001x10
–
mm
2
1)
Werte
beziehen
sich
auf
die
Standardbetriebsbedingung
35
W
cw
Ausgangsleistung,
25°C
Wärmesenkentemperatur.
Values refer to standard operating conditions of 35 W cw output power, 25°C mount temperature.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com